Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISOBAR6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. ISOBAR6
Description  Premium Isobar Surge Suppressor with 6 outlets and a 6-ft. cord
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ISOBAR6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Premium Isobar Surge Suppressor with 6 outlets
and a 6-ft. cord
MODEL NUMBER: ISOBAR6
Description
For more than 20 years, America's leading companies have trusted Tripp Lite's Isobar Premium surge and noise
suppressors to protect sensitive computer, networking and telecom equipment. With more than 18 million
satisfied customers, the Isobar remains the world's #1 selling premium surge suppressor. Loaded with a
generous combination of high quality components, near indestructible all-metal case and unique noise filtration
system, the Isobar offers the highest level of protection attainable in a multi-outlet strip. Robust surge
suppression circuits with sine-wave tracking offer extreme levels of protection against the heaviest surge
conditions exceeding IEEE 587 category A & B specifications and reducing 6,000V test surges to harmless
levels under 35 volts. Isobar's unique protection system combines large toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of
metal oxide varistors into exclusive isolated filter banks that remove EMI/RFI interference, even noise generated by other pieces of connected equipment.
ISOBAR6 offers 6 outlets arranged in three filter banks to prevent system crashes, reboots and performance problems common as noisy system peripherals
are powered off and on. Surge suppression rated at 3330 joules/97,000 amps offers network-grade protection. Widely spaced NEMA 5-15 outlets
accommodate up to 4 large transformer plugs without blocking outlets. Includes 6 foot AC line cord with space-saving angled input plug and keyhole mounting
tabs. $50,000 Ultimate Lifetime connected equipment insurance (USA and Canada Only). PLUG/OUTLETS: Input: NEMA 5-15P/Output: 6 NEMA5-15R/6-ft.
AC line cord ELECTRICAL: 120V AC, 50/60Hz (Requires NEMA 5-15R wall receptacle) SUPPRESSION: AC: 140V RMS Clamping/3330 joules/97,000 amps
FORMAT: Corded all-metal strip with transformer spaced outlets.
Features
Tripp Lite's ISOBAR is the world's #1 selling premium suppressor series with more than 18 million satisfied customers and a safety-tested history of 20+
years
Robust surge suppression with sine-wave tracking protects against the heaviest of surge conditions, exceeding IEEE category A&B specifications and
reducing 6,000V test surges to harmless levels less than 35 volts
Multi-component suppression circuits combine toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of metal oxide varistors
into exclusive isolated filter banks that remove EMI/RFI interference, even noise from other pieces of connected equipment
6 outlets arranged in three filter banks prevent system crashes, reboots and performance problems common as noisy peripherals are powered off and on
Network grade surge suppression rated at 3330 joules/97,000 amps
Widely spaced outlets accommodate up to 4 large transformer plugs without blocking outlets
Highlights
6 outlets/6-ft. cord
3330 joule rating
All-metal housing
Isolated filter banks
$50,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for premium protection of
personal computers with
peripherals, network and
CAD/CAM/CAE workstations,
internetworking accessories,
telecommunications systems,
point of sale equipment,
audio/video and home theater
systems in any home, office or
industrial application.
Package Includes
ISOBAR6 Surge Suppressor
Set of 4 outlet safety covers
Instruction manual with warranty
information
1 / 4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn