Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISOBAR6 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ISOBAR6
Description  Premium Isobar Surge Suppressor with 6 outlets and a 6-ft. cord
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ISOBAR6 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC suppression surge current rating
97,000 amps (36,000 NM / 61,000 CM)
AC suppression components used
Metal oxide varistors, toroidal balanced chokes, ferrite rod-core inductors and VHF capacitors.
Safe thermal fusing
Prevents unsafe conditions during extreme extended over-voltages and catastrophic occurrences
UL1449 let through rating
330V
IEEE587 Cat. A ringwave let through
Less than 35 volts
EMI / RFI filtering
40-80 dB
Isolated filter banks
Unique isolated filter bank design offers additional filtering between each duplex pair of outlets on the strip to
prevent electrical noise interference between connected loads. Includes 3 filter banks.
Immunity
Conforms to IEE 587 / ANSI C62.41
DATALINE SURGE SUPPRESSION
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
11.5 x 7 x 3
Shipping Dimensions (HWD/cm)
29.21 x 17.78 x 7.62
Shipping weight (lbs)
2.9
Shipping weight (kg)
1.32
Unit Dimensions (HWD/in)
2.5 x 6 x 3.5
Unit Dimensions (HWD/cm)
6.35 x 15.24 x 8.89
Unit weight (lbs)
2.4
Unit weight (kg)
1.09
Material of construction
Metal
Integrated keyhole mounting tabs
Metal end caps are fitted with keyhole mounting tabs for wallmount installation
Housing Color
Light Gray
Receptacle Color
Black
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
Distance between horizontal outlets = 39.45mm; Distance between vertical outlets = 39.30mm
Keyhole slot center to center
measurement
Distance between horizontal tabs = 171.34mm; Distance between vertical tabs = 58.17mm
SPECIAL FEATURES
Appearance
Rugged all-metal corded strip format with high quality duplex receptacles
Right-Angle Plug
Yes
3 / 4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn