Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISOBAR6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ISOBAR6
Description  Premium Isobar Surge Suppressor with 6 outlets and a 6-ft. cord
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ISOBAR6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Widely spaced outlets accommodate up to 4 large transformer plugs without blocking outlets
Lighted power switch with integrated 12 amp circuit breaker offers power control and overload protection
6 foot AC line cord with space-saving angled input plug
Keyhole mounting tabs for installation in a varitey of applications
120VAC, 50/60Hz electrical compatibility
$50,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OVERVIEW
Intended Application
Home/Office, Computer Networks
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1440
Circuit Breaker (amps)
12
Outlet quantity / type
6 NEMA 5-15R
Transformer accommodation
Supports up to 4 large transformer plug accessories without covering remaining outlets
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P input plug
Input plug features
Space-saving right angle input plug
Input cord length (ft.)
6
Input cord length (m)
1.83
Voltage compatibility (VAC)
120
Maximum Surge Amps
135000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and two position red illuminated on/off power switch
SURGE / NOISE SUPPRESSION
AC suppression joule rating
3330
AC suppression response time
NM = 0 ns. CM = <1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
140
2 / 4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn