Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6606 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P6606
Description  InSb photoconductive detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P6606 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P6606 Datasheet HTML 1Page - Hamamatsu Corporation P6606 Datasheet HTML 2Page - Hamamatsu Corporation P6606 Datasheet HTML 3Page - Hamamatsu Corporation P6606 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INFRARED
DETECTOR
InSb photoconductive detector
Thermoelectrically cooled detectors capable of long-term measurements
P6606 series
Features
l Thermoelectric cooling ensures high speed and high
sensitivity up to 6.5 µm.
l Photoconductive element that changes electrical
resistance by input of IR radiation
l Easy-to-use detector/preamp modules are also available.
Applications
l Environment measurements (gas analysis, etc.)
l Radiation thermometers (5 µm band)
l FTIR
l IR laser detection
Accessories (optional)
l Heatsink for one-stage TE-cooled type
A3179
l Heatsink for two-stage TE-cooled type
A3179-01
l Heatsink for three-stage TE-cooled type A3179-04
l Temperature controller
C1103-05 (-75 to -25 ˚C)
C1103-07 (-30 to +20 ˚C)
l Preamp
C5185
l Infrared detector module with preamp
C4631-03 (P6606-310)
I Specifications / Absolute maximum ratings
Absolute maximum ratings
Active
area
Thermistor
power
dissipation
TE-cooler
power
dissipation
Allowable
current
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material *1
Package
Cooling
(mm)
(mW)
(A)
(mA)
(°C)
(°C)
P6606-110
One-stage TE-cooled
1.5
P6606-210
➀/S
TO-8
Two-stage TE-cooled
1 × 1
1.0
40
P6606-305
0.5 × 0.5
20
P6606-310
1 × 1
40
P6606-320
➁/S
TO-3 Three-stage TE-cooled
2 × 2
0.2
1.0
60
-40 to +60 -55 to +60
*1: Window material S: Sapphire glass
I Electrical and optical characteristics (Typ. unless otherwise noted)
Measurement
condition
Element
temperature
T
Peak
sensitivity
wavelength
lp
Cut-off
wavelength
lc
Photo
sensitivity
S
l=lp
Vs=15 V
D*
(500, 1200, 1)
D*
(lp, 1200, 1)
Rise time
tr
0 to 63 %
Dark
resistance
Rd
Type No.
(°C)
(mm)
(mm)
(V/W)
Min.
(cm·Hz1/2/W)
Typ.
(cm·Hz1/2/W) (cm·Hz1/2/W)
(ms)
(W)
P6606-110
-10
6.7
10
7 × 107
2 × 108
1 × 109
20
P6606-210
-30
6.5
50
1.5 × 108
5 × 108
2.5 × 109
25
P6606-305
2500
1 × 109
2 × 109
1 × 1010
150
P6606-310
650
1 × 109
2 × 109
1 × 1010
80
P6606-320
-60
5.5
6.3
150
5 × 108
1 × 109
5 × 109
0.4
80
1


Similar Part No. - P6606

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P6606-110 HAMAMATSU-P6606-110 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606-210 HAMAMATSU-P6606-210 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606-305 HAMAMATSU-P6606-305 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606-310 HAMAMATSU-P6606-310 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606-320 HAMAMATSU-P6606-320 Datasheet
117Kb / 4P
   InSb photoconductive detector
More results

Similar Description - P6606

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606 HAMAMATSU-P6606_15 Datasheet
822Kb / 5P
   InSb photoconductive detectors
P5968-060 HAMAMATSU-P5968-060 Datasheet
170Kb / 4P
   InSb photovoltaic detector
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
   PbS photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com