Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8828-42 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # L8828-42
Description  CW LASER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8828-42 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  L8828-42 Datasheet HTML 1Page - Hamamatsu Corporation L8828-42 Datasheet HTML 2Page - Hamamatsu Corporation L8828-42 Datasheet HTML 3Page - Hamamatsu Corporation L8828-42 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU CW laser diodes, L8933, L8446, L8763, L8828 series feature high optical power of 0.5 to 2.0 W
under CW operation. As this is single chip and single element type, emitting area is small (50
µm to 100 µm X 1
µm). Therefore, it is easy to focus on to a small spot with optics. It can be used for various applications such as
pumping of solid lasers, printers, medical instruments etc.
Cat. No. LLD1010E01
JAN. 2003 IP
Printed in Japan (500)
Handling precautions & instructions
PRELIMINARY DATA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. '2003 Hamamatsu Photonics K.K.
CW LASER DIODES
L8933 , L8446 , L8763 , L8828 SERIES
High optical power from a single chip
FEATURES
High optical power & high radiant flux
density(CW)
L8933 series : 0.5 W / 50
µm
L8446 series : 1 W / 100
µm
L8763 series : 1 W / 50
µm
L8828 series : 2 W / 100
µm
High stability
Long life
Compact
APPLICATIONS
Pumping source for solid state lasers
Printing
Medical instrument
Measuring instrument
Material Processing
Marking
CW LASER DIODES L8933 , L8446 , L8763 , L8828 SERIES
1. Absolute maximum ratings
When LDs are driven exceeding its absolute maximum ratings, it will be broken instantly or it leads to degradation of performance &
reliability. Please be careful not to exceed absolute maximum ratings even only a moment. The absolute maximum ratings in this
datasheet are specified based on case temperature at 25
°C. When the operating temperature is higher, the radiant output power &
dissipation will be reduced and it affects other characteristics. When designing the operating circuitry for LDs, please surely take
absolute maximum ratings into account.
2. Protection of electrostatic discharge sensitive (ESDS) devices
The LDs may be damaged or its performance may deteriorate due to such factors as electric field, electrostatic discharges (ESD), surge
voltage, leakage voltage etc. As a countermeasure against ESD, the device, operator, work place and jigs must all be set at the same
electric potential. When handling LDs, please wear conductive finger-cap. And please take following countermeasures ;
(1) Install protection circuit for excess voltage, reverse voltage, surge voltage into power supply, measuring instrument etc.
(2) When using soldering iron, protect LDs from leakage current & electrostatic discharge from soldering iron bit.
(3) Conductive sheet, electrically grounded through 1Mohm resistor should be laid on both the work table and the floor of the working
area. In order to protect the device from ESD which accumulate on the operator or the operator s clothes, ground electrically through
1Mohm resistor and wear a wrist strap etc.
(4) Goods like parts, container to contact / approach to LDs should be materials which is taken a countermeasures for ESD.
3. Protection for stain, stress, external damage, etc.
The LDs whose suffix -06 & -07 are bare type product, vital & fragile part is naked. Dusts, expiration, finger print, sputum, condensation
bending, chip off of LD chip, re-forming of wire may leads to degradation of performance of the LDs. Please unpack, keep, handle,
operate, drive in air-conditioned clean room so that the LDs are keep away from dust & condensation. When handling, please take
enough care not to drop, not to stain any part of LDs. When dropped or stained, do not use it.
4. Heat dissipation
Reliability of LDs is deeply correlated with junction temperature. Under higher operating temperature, the reliability deteriorates sooner.
Heat dissipating device (material: Aluminum, Copper) should be attached to the base of LDs, and cooling devices (air, water, peltier etc.)
should be operate with the LDs in order to dissipate the heat from the LDs, so that the operating temperature is kept within the absolute
maximum ratings.
5. Safety for operators and users
These LDs emit invisible laser radiation. It s classified into Class 4 according to the laser product standards of the IEC 60825-1 (Safety
of laser products Part 1: Equipment classification, requirements and user s guide) and/or ANSI Z136.1 (American National Standard for
Safe Use of Lasers) etc. Direct or reflected laser beam from these LDs may damage eyes or skin by being absorbed by cells. In the
worst case, it leads to burn or loss of eyesight. The operator must not stare the emitting area of LDs, must avoid direct exposure to the
laser beam. Wear eye-protectors (glasses or goggles) against laser radiation while operating a device. Please provide adequate
information to the end-user of its classification, performances and warnings of the products using these LDs, defying the regulations of
IEC 60825-1 and/or ANSI Z136.1 etc.
http://www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Laser Group, Sales Dept.
5000, Hirakuchi, Hamakita City, Shizuoka, 434-8601, Japan,
Telephone: (81)53-584-0227, Fax: (81)53-584-0228, E-mail: laser-g@lsr.hpk.co.jp
U.S.A.: Hamamatsu Corporation:360 Foothill Road, P.O. BOX 6910, Bridgewater, N.J. 08807-0910, U.S.A.Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33(1) 69 53 71 00, Fax: 33(1) 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44)1707-294888, Fax: (44)1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesv gen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it


Similar Part No. - L8828-42

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L8821P POLYFET-L8821P Datasheet
40Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8821PR POLYFET-L8821PR Datasheet
57Kb / 2P
   SILICON GATE ENHANCEMENT MODE
L8821P POLYFET-L8821P_14 Datasheet
54Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - L8828-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
logo
Analog Devices
ADN8820 AD-ADN8820_15 Datasheet
293Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
   CW Tunable Laser ??Butterfly Package
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com