Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0505XDR Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # F0505XDR
Description  FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F0505XDR Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  F0505XDR Datasheet HTML 1Page - Microdc power Technology Co., Ltd F0505XDR Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F
F-X
-XSR&F
SR&F-X
-XDR
DR S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min
F0505XSR*
5
4.75-5.25
5
150
15
68
83
F0505XSR
5
4.75-5.25
5
200
20
66
83
F0509XSR
5
4.75-5.25
9
111
12
70
83
F0512XSR
5
4.75-5.25
12
83
9
72
83
F0515XSR
5
4.75-5.25
15
67
7
73
250
F1205XSR
12
11.4-12.6
5
150
15
68
100
F1205XSR
12
11.4-12.6
5
200
20
67
83
F1209XSR
12
11.4-12.6
9
111
12
71
83
F1212XSR
12
11.4-12.6
12
83
9
73
83
F1215XSR
12
11.4-12.6
15
67
7
74
83
F2405XSR
24
22.8-25.2
5
150
15
68
83
F2405XSR
24
22.8-25.2
5
200
20
67
83
F2409XSR
24
22.8-25.2
9
111
12
72
83
F2412XSR
24
22.8-25.2
12
83
9
73
83
F2415XSR
24
22.8-25.2
15
67
7
74
300
F0505XDR
5
4.75-5.25
5
150
15
68
83
F0505XDR
5
4.75-5.25
5
200
20
66
83
F0509XDR
5
4.75-5.25
9
111
12
70
83
F0512XDR
5
4.75-5.25
12
83
9
72
83
F0515XDR
5
4.75-5.25
15
67
7
73
250
F1205XDR
12
11.4-12.6
5
150
15
68
100
F1205XDR
12
11.4-12.6
5
200
20
67
83
F1209XDR
12
11.4-12.6
9
111
12
71
83
F1212XDR
12
11.4-12.6
12
83
9
73
83
F1215XDR
12
11.4-12.6
15
67
7
74
83
F2405XDR
24
22.8-25.2
5
150
15
68
83
F2405XDR
24
22.8-25.2
5
200
20
67
83
F2409XDR
24
22.8-25.2
9
111
12
72
83
F2412XDR
24
22.8-25.2
12
83
9
73
83
F2415XDR
24
22.8-25.2
15
67
7
74
300
*Series F-XSR output pin -Vout(5),+Vout(7) eg: F0505XSR.5.7
MODEL
MODEL SELECTION
SELECTION
F
F
05
05
05
05
X
X
S
S
R
R
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
Regulated output
MICRODC R ESERVES THE COPYRIGHT
FIXED INPUT,ISOLATED&REGULATED Single Output DC/DC Converter
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
SIP/DIP Package
Wide temperature performance at full
1 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Low ripple and good EMC Features
Industry standard pinout
Power sharing on output
3KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
Good dynamic feature
DESCRIPTION
DESCRIPTION
The F-XSR&F-XDR
series are specially
designed for applications where a group of polar
power supplies are isolated from the input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) where the voltage of the input power supply
is fixed (voltage variation ≤±5%);
2) where isolation is necessary between input
and output (isolation voltage ≤3000VDC);
3) where the regulation of the output voltage
and the output ripple noise are demanded.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
10
20
MV p-p
Output Noise*
20MHz Bandwidth
50
100
MV p-p
Switching frequency
Full load,nominal input
100
Khz
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION SPEC
SPECF
FICATIONS
ICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Similar Part No. - F0505XDR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F0505XD MICRODC-F0505XD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
MORNSUN Science& Techno...
F0505XD-1W MORNSUN-F0505XD-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - F0505XDR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IF-XS-1W MICRODC-IF-XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com