Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L8957 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L8957
Description  Low cost LED ideal for optical encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8957 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L8957 Datasheet HTML 1Page - Hamamatsu Corporation L8957 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L8957
Features
Applications
LED
Infrared LED
l Low price
Uses low cost lens
l Optical encoders
l Optical switches
Low cost LED ideal for optical encoders
L8957 is an infrared LED using a low-cost lens and available at a lower price than other products up to now.
1
1
I Absolute maximum ratings (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Reverse voltage
V4
5V
Forward current
I.
80
mA
Forward current reduction rate
-
0.67
mA/°C
Pulse forward current
I.2
0.5
A
Pulse forward current reduction rate
-
7
mA/°C
Power dissipation
P
150
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
I Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
lpI.=50 mA
840
870
900
nm
Spectral half width
Dl
I.=50 mA
-
45
-
nm
Radiant flux
feI.=50 mA
3.4
5.8
-
mW
Forward voltage
V.
I.=50 mA
-
1.6
1.75
V
Reverse current
I4
V4=5 V
-
-
5
µA
Spot light size *
Bw
I.=30 mA
4.5
5.0
-
mm
Optical output *
Pe
I.=30 mA
1.0
2.0
-
mW
Cut-off frequency *!
fc
I.=30 mA ± 4 mAp-p
25
40
-
MHz
*1: Full width at half maximum, measurement distance (from the image sensor to the bottom surface of L8957’s base)=10 mm
*2: Measurement distance [from the photodiode (active area: f8 mm) to the bottom surface of L8957’s base]=10 mm
*3: Frequency at which the optical output drops by -3 dB from that at 100 kHz.


Similar Part No. - L8957

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957 Datasheet
88Kb / 2P
   Low cost LED ideal for optical encoders
L8957 HAMAMATSU-L8957_07 Datasheet
88Kb / 2P
   Low cost LED ideal for optical encoders
More results

Similar Description - L8957

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957_07 Datasheet
88Kb / 2P
   Low cost LED ideal for optical encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
TE Connectivity Ltd
16WGA1 TEC-16WGA1 Datasheet
211Kb / 3P
   High Performance, Low Cost Filter Ideal for Appliance Equipment
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com