Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISOBAR8ULTRA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISOBAR8ULTRA
Description  8-Outlet Premium Isobar Surge Protector with 12-ft Cord and All-Metal Housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISOBAR8ULTRA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISOBAR8ULTRA Datasheet HTML 1Page - List of Unclassifed Manufacturers ISOBAR8ULTRA Datasheet HTML 2Page - List of Unclassifed Manufacturers ISOBAR8ULTRA Datasheet HTML 3Page - List of Unclassifed Manufacturers ISOBAR8ULTRA Datasheet HTML 4Page - List of Unclassifed Manufacturers ISOBAR8ULTRA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-Outlet Premium Isobar Surge Protector with 12-ft
Cord and All-Metal Housing
MODEL NUMBER: ISOBAR8ULTRA
Description
For more than 20 years, America's leading companies have trusted Tripp Lite's Isobar Premium surge and noise
protectors to protect sensitive computer, networking and telecom equipment. With more than 18 million satisfied
customers, the Isobar remains the world's #1 selling premium surge protector. Loaded with a generous
combination of high quality components, near indestructible all-metal case and unique noise filtration system, the
Isobar offers the highest level of protection attainable in a multi-outlet strip. Robust surge suppression circuits
with sine-wave tracking offer extreme levels of protection against the heaviest surge conditions exceeding IEEE
587 category A & B specifications and reducing 6,000V test surges to harmless levels under 35 volts. Isobar's
unique protection system combines large toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and
multiple layers of metal oxide varistors into exclusive isolated filter banks that remove EMI/RFI interference,
even noise generated by other pieces of connected equipment. ISOBAR8ULTRA offers 8 outlets arranged in four
filter banks to prevent system crashes, reboots and performance problems common as noisy system peripherals are powered off and on. Surge suppression
rated at 3840 joules/97,000 amps offers network-grade protection. Widely spaced NEMA 5-15 outlets accommodate up to 4 large transformer plugs without
blocking outlets. Diagnostic LEDs confirm power availability, line fault and protection status. Includes 12 foot AC line cord with space-saving angled input plug,
keyhole mounting tabs and a set of 4 child safety covers.
PLUG/OUTLETS: Input: NEMA 5-15P/Output: 8 NEMA5-15R/12-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz (Requires NEMA 5-15R wall receptacle)
SUPPRESSION: AC: 140V RMS Clamping/3840 joules/97,000 amps
FORMAT: Corded all-metal strip with transformer spaced outlets
Features
Tripp Lite's ISOBAR is the world's #1 selling premium protector series with more than 18 million satisfied customers and a safety-tested history of 20+
years
Robust surge suppression with sine-wave tracking protects against the heaviest of surge conditions, exceeding IEEE category A&B specifications and
reducing 6,000V test surges to harmless levels less than 35 volts
Multi-component suppression circuits combine toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of metal oxide varistors
into exclusive isolated filter banks that remove EMI/RFI interference, even noise from other pieces of connected equipment
Highlights
8 outlets/12-ft cord
3840 joule rating—more joules
mean more protection!
All-metal housing with diagnostic
LEDs
Isolated filter banks remove
damaging line noise
$50,000 Ultimate Lifetime
Insurance for connected
equipment (USA & Canada only)
Applications
Ideal for premium protection of
personal computers with
peripherals, network and
CAD/CAM/CAE workstations,
internetworking accessories,
telecommunications systems,
point of sale equipment,
audio/video and home theater
systems in any home, office or
industrial application.
Package Includes
ISOBAR8ULTRA Surge Protector
Set of 4 outlet safety covers
Instruction manual with warranty
information
1 / 4


Similar Part No. - ISOBAR8ULTRA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
   Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
More results

Similar Description - ISOBAR8ULTRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR12ULTRA ETC2-ISOBAR12ULTRA Datasheet
486Kb / 5P
   12-Outlet Isobar Rackmount Surge Protector with 15-ft Cord and All-Metal Housing
ISOBAR6ULTRA ETC2-ISOBAR6ULTRA Datasheet
500Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and All-Metal Housing
logo
Tripp Lite. All Rights ...
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
   Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
logo
List of Unclassifed Man...
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
ISOBAR2-6 ETC2-ISOBAR2-6 Datasheet
500Kb / 5P
   2-outlet, 6-ft cord, 1410 joule, All metal housing Isobar Surge Suppressor - Premium surge, spike and line noise protection
ISOTEL8ULTRA ETC2-ISOTEL8ULTRA Datasheet
500Kb / 5P
   8-outlets, 12-ft cord, 3840 joule, RJ11 protection, All metal housing Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
EURO-4 TRIPPLITE-EURO-4 Datasheet
165Kb / 4P
   Isobar 4-Outlet 230V Surge Protector, Detachable 6 ft. (1.8 m) Cord, 680 Joules, Metal Housing
IBR12 TRIPPLITE-IBR12 Datasheet
164Kb / 4P
   Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
ISOBAR4ULTRA TRIPPLITE-ISOBAR4ULTRA Datasheet
180Kb / 4P
   Isobar 4-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
ISOBAR6ULTRA TRIPPLITE-ISOBAR6ULTRA Datasheet
179Kb / 4P
   Isobar 6-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com