Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7551-21 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L7551-21
Description  Receptacle type, 1.3 關m, 1.25, 2.5 Gbps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7551-21 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L7551-21 Datasheet HTML 1Page - Hamamatsu Corporation L7551-21 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Laser diode
L8231/L7551 series
s Pin connection
Pin No.
L8231 series
L7551 series
Anode (PD)
Cathode (PD)
Anode (LD)
Cathode (LD)
Cathode (LD)
Anode (LD)
Cathode (PD)
Anode (PD)
12.7
10.16
5.08
c
7.5
2.0)
(
b
a
JIS C5973
SC RECEPTACLE
0.7 ± 0.1
2.75
22.5 ± 0.4
(16)
c
b
a
L8231-21
1.45
21.2 ± 0.4
(10)
L7551-21
a
( 2.5)
c
11.55 ± 0.1
b
JIS C5970
FC RECEPTACLE
SECTION A/A
2-56 UNC 2B
2 PLCS
(DEPTH: 4)
d
A
A
6.1 ± 0.1
9.2 ± 0.1
16.35 ± 0.3
(4.8)
2.8 ± 0.1
(16)
d
c
b
a
L8231-22
15.05 ± 0.3
(3.5)
1.75 ± 0.1
(10)
L7551-22
2.0)
(
0.7 ± 0.1
7.62
7.5
9.6
5.08
2.42
9.35
22.1
ab
2.0)
(
ANSI/TIA/EIA 604-10
LC RECEPTACLE
1.3
(16)
b
a
L8231-44
0
(10)
L7551-44
s Dimensional outlines (unit: mm, tolerance unless otherwise noted: ±0.2)
KLEDA0034EB
➀ L8231/L7551-21
KLEDA0035EB
➁ L8231/L7551-22
KLEDA0045EA
➂ L8231/L7551-23
KLEDA0036EB
➃ L8231/L7551-32
KLEDA0046EB
➄ L8231/L7551-44
2.0)
(
10.16
0.7 ± 0.1
12.0
5.08
7.5
1.21
20.5 ± 0.4
b
a
JIS C5983
MU RECEPTACLE
1.3
(16)
b
a
L8231-23
0
(10)
L7551-23
b
a
9.25 ± 0.1
2.0 ± 0.1
1.57 ± 0.1
5.5 ± 0.1
(2 ×)
2.2 ± 0.1
JIS C5970
FC RECEPTACLE
2.0)
(
(2 ×)
4.2 ± 0.1
8.8
(16)
b
a
L8231-32
7.5
(10)
L7551-32
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Cat. No. KLED1018E04
Jan. 2002 DN
2


Similar Part No. - L7551-21

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
L7556 AGERE-L7556 Datasheet
700Kb / 28P
   Low-Power SLICs with Battery Switch
logo
Hamamatsu Corporation
L7558 HAMAMATSU-L7558 Datasheet
122Kb / 2P
   High-speed, high-power infrared LED for spatial light transmission
L7558-01 HAMAMATSU-L7558-01 Datasheet
122Kb / 2P
   High-speed, high-power infrared LED for spatial light transmission
L7558 HAMAMATSU-L7558_15 Datasheet
204Kb / 4P
   Infrared LED
More results

Similar Description - L7551-21

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-37130 OPTOWAY-PT-37130 Datasheet
92Kb / 2P
   3.3V / 1.31 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
PT-57130 OPTOWAY-PT-57130 Datasheet
92Kb / 2P
   3.3V / 1.55 關m / 1.25 Gbps InGaAs PIN-TIA Receiver
logo
Hamamatsu Corporation
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
   Peak emission wavelength: 1.3 關m
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
   1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100_09 Datasheet
129Kb / 3P
   1.3 關m WDM PIN PHOTODIODES
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com