Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT04NT43R2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT04NT43R2
Description  Thick Film Trimmable Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT04NT43R2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT04NT43R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT04NT43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
4 / 10
TA-I TECHNOLOGY CO., LTD
E.G. : What is RT06PTN102 the rated voltage ?
RT06PTN102
P(Rated power ):1/10W
;
R:102 = 1KΩ = 1000Ω
E =
0.1(W) * 1000(Ω)
= 10 (V)
6.Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits △R
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-4.8
-55〜 +125 ℃
±200 ppm/℃
Short Time Overload
IEC60115-1-4.13
JIS-C5201-4.13
2.5 X rated voltage
for
5 sec
±(1% + 0.05Ω )
0402 size : ±(2% + 0.1Ω )
Intermittent Overload
EC60115-1-4.39
JIS-C5201-4.39
3.0
X
rated
voltage
or
Max
Overloading
voltage ,1sec
“ON” , 25sec “OFF” , 10000 cycles
(Remarks : 0402
2.5 X RCWV *
)
± (5.0% + 0.1Ω)
Load Life
IEC60115-1-4.25.1
JIS-C5201-4.25.1
1000 hours at rated
voltage, 70℃ , 1.5hours
“ON “, 0.5hour “OFF”
±(3.0%+0.1Ω)
Rapid Change of Temperature
IEC60115-1-4.24
JIS-C5201-4.24
-55℃ (30 min. ) / +155 ℃(30 min. ) 5 cycles
±(1.0%+0.05Ω)
Solderability
IEC60115-1-4.19
JIS-C5201-4.19
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Robustness
of
Termination
(Bending)
IEC60115-1-4.17
JIS-C5201-4.17
3mm deflection
±(1.0%+0.05Ω)
Dielectric
Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.33
JIS-C5201-4.33
Applying voltage :
0402 & 0603 : 300V
The other 500V for a
minute .
No
abnormalities
such
as
flashover,
burning
dielectric
breakdown shall appear.
Insulation Resistance
IEC60115-1-4.7
JIS-C5201-4.7
Applying voltage 100V for 1 minute.
≧1GΩ
Resistance to Dry Heat
IEC60115-1-4.6
JIS-C5201-4.6
125±5℃ for 96±4Hrs
±(2.0%+0.1Ω)
Resistance to Solder Heat
IEC60115-1-4.23.2
JIS-C5201-4.23.2
270 ±5℃ solder , 10 ±1 sec dwell .
±(1.0%+0.05Ω)
Note* : RCWV : Rated continuous working voltage .


Similar Part No. - RT04NT43R2

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0401BKB0710KL YAGEO-RT0401BKB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401BKC0710KL YAGEO-RT0401BKC0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401BRB0710KL YAGEO-RT0401BRB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401BRC0710KL YAGEO-RT0401BRC0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401CKB0710KL YAGEO-RT0401CKB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results

Similar Description - RT04NT43R2

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com