Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMF04FE103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RMF04FE103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF04FE103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RMF04FE103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF04FE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
1/13
TA-I TECHNOLOGY CO., LTD
1. Scope :
This specification applies for the RMF series of Automotive Grade thick film chip
resistors made by TA-I.
2. Construction:
3. Type Designation:
RMF
10
J
T
103
Product Code
Size
Tolerance
Packaging
Nominal
RMF : Automotive
Power Rating
Resistance
Grade
Chip Resistor
Special
L : 06 – 2mm pitch
paper Tape
02-0201(0603) 1/20W
04-0402(1005) 1/16W
06-0603(1608) 1/10W
10-0805(2012) 1/8W
12-1206(3216) 1/4W
13-1210(3226) 1/3W
20-2010(5025) 1/2W
25-2512(6432) 1 W
J:±5%
G:±2%
F:±1%
D:0.5%
T-Paper Tape
E-Embossed Tape
3 digits, e.g.,:
(E-24) 103 = 10kΩ
0 = 0Ω
4 digits, e.g., :
(E-96) 1540 = 154Ω
43R2 = 43.2Ω
Ceramic Substrate
Ni Plating
Conductor
Sn Plating
Resistive Element
Over Coat (Color : Black)


Similar Part No. - RMF04FE103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF04 RFE-RMF04 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
More results

Similar Description - RMF04FE103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com