Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF18-260V06-EF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TRF18-260V06-EF
Description  Lead Free SMD Resettable Fuse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRF18-260V06-EF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TRF18-260V06-EF Datasheet HTML 1Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 2Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 3Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 4Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 5Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 6Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 7Page - List of Unclassifed Manufacturers TRF18-260V06-EF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Lead Free SMD Resettable Fuse
Document No
TRF18OS002A
Issued date
2011/08/15
Page
4/8
TA-I TECHNOLOGY CO., LTD
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
5. Applications and ratings
Current
Time
Rimin
R1max
(A)
(Sec)
(Ω)
(Ω)
TRF18-010V60-EF
60.0
40
0.10
0.30
0.8
0.5
1.50
0.70
15.00
TRF18-014V60-EF
60.0
40
0.14
0.34
0.8
1.5
0.15
0.40
6.5
TRF18-020V30-EF
30.0
80
0.20
0.40
0.8
6.0
0.06
0.40
6.00
TRF18-020V60-EF
60.0
40
0.20
0.40
0.8
1.5
0.15
0.40
6
TRF18-030V30-EF
30.0
10
0.30
0.60
0.8
8.0
0.10
0.30
3
TRF18-050V15-EF
15.0
100
0.50
1.00
0.8
8.0
0.15
0.15
1
TRF18-075V13-EF
13.2
100
0.75
1.50
0.8
8.0
0.20
0.11
0.45
TRF18-075V24-EF
24.0
40
0.75
1.5
0.8
8.0
0.20
0.11
0.45
TRF18-110V06-EF
6.0
100
1.10
2.2
0.8
8.0
0.30
0.04
0.21
TRF18-110V16-EF
16.0
100
1.10
2.2
0.8
8.0
0.30
0.04
0.21
TRF18-110V24-EF
24.0
20
1.10
2.2
0.8
8.0
0.50
0.06
0.18
TRF18-125V06-EF
6.0
100
1.25
2.5
0.8
8.0
0.40
0.035
0.14
TRF18-150V06-EF
6.0
100
1.50
3
0.8
8.0
0.5
0.03
0.12
TRF18-150V24-EF
24.0
20
1.50
3
1.0
8.0
1.5
0.03
0.12
TRF18-160V08-EF
8.0
100
1.60
2.8
0.8
8.0
2.0
0.035
0.099
TRF18-200V08-EF
8.0
40
2.00
4
0.8
8.0
3.0
0.020
0.08
TRF18-250V16-EF
16.0
100
2.50
5
1.2
8.0
5.0
0.015
0.1
TRF18-260V06-EF
6.0
100
2.60
5.2
0.8
8.0
5.0
0.015
0.08
Maximum
time to trip
at 23℃
Resistance
at 23℃
Ihold = Hold Current. Maximum current device will sustain for 30min without tripping in 23°C still air.
Itrip
= Trip Current. Minimum current at which the device will trip in 23°C still air.
Vmax = Maximum voltage device can withstand without damage at rated current.
Imax = Maximum fault current device can withstand without damage at rated voltage.
Pd
= Power dissipated from device when in the tripped state at 23°C still air.
Rimin = Typical resistance of device in initial (un-soldered) state.
R1max = Maximum resistance of device at 23°C measured one hour post reflow.
CAUTION:Operation beyond the specified ratings may result in damge and possibile arcing and flame.
Part
Designation
Ihold
at 23℃
(A)
Itrip
at 23℃
(A)
Pd
Typ.
(W)
Vmax
(Vdc)
Imax
(A)


Similar Part No. - TRF18-260V06-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF18-260V06-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF12-012V30-EF ETC-TRF12-012V30-EF Datasheet
381Kb / 7P
   Lead Free SMD Resettable Fuse
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
logo
AiT Semiconductor Inc.
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
   SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com