Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT12MT1540 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT12MT1540
Description  Thick Film Trimmable Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT12MT1540 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT12MT1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT12MT1540 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
6 / 10
TA-I TECHNOLOGY CO., LTD
8.1.4 Packaging quantity:
UNIT: mm
Package
Type
Size
Paper Tape
4 mm pitch
2 mm pitch
178mm/R
178mm/R
RT
04
10000
RT
06
5000
10000
RT
10
5000
RT
12
5000
RT
13
5000
8.2
Reel Specifications:
UNIT: mm
Type
ψA
ψB
ψC
W
T
RT /04 / 06
RT10 /12 /13
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0


Similar Part No. - RT12MT1540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT12 VISHAY-RT12 Datasheet
109Kb / 3P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
logo
Bourns Electronic Solut...
RT12 BOURNS-RT12 Datasheet
107Kb / 1P
   Trimpot Trimming Potentiometer
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
97Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
RT12 VISHAY-RT12 Datasheet
79Kb / 4P
   Wirewound Rheostat / Potentiometer
01-Jan-2022
More results

Similar Description - RT12MT1540

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com