Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF18-075V13-EF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRF18-075V13-EF
Description  Lead Free SMD Resettable Fuse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRF18-075V13-EF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRF18-075V13-EF Datasheet HTML 1Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 2Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 3Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 4Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 5Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 6Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 7Page - List of Unclassifed Manufacturers TRF18-075V13-EF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Lead Free SMD Resettable Fuse
Document No
TRF18OS002A
Issued date
2011/08/15
Page
1/8
TA-I TECHNOLOGY CO., LTD
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
1. Scope
This specification applies for the Lead-Free SMD Resettable fuse series .
2. Construction
Style 1
Style 2
3. Type Designation
TRF
SMD
Resettable
fuse
V16
Vmax(Vdc)
035
I-hold
035:0.35A
F
2
Lead
Free
V06: 6V
V08: 8V
V12: 12V
V13: 13.2V
V15: 15V
V16: 16V
V30: 30V
V60: 60V
18
Size
18:1812(4532)
E
Packaging
E:Embossed Tape
T:Paper Tape


Similar Part No. - TRF18-075V13-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF18-075V13-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF12-012V30-EF ETC-TRF12-012V30-EF Datasheet
381Kb / 7P
   Lead Free SMD Resettable Fuse
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
logo
AiT Semiconductor Inc.
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
   SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com