Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT04MT1540 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RT04MT1540
Description  Thick Film Trimmable Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT04MT1540 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RT04MT1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT04MT1540 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
9 / 10
TA-I TECHNOLOGY CO., LTD
14. ECN :
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.
15. Application Notes:
15.1 Trimming shall be performed by laser machine. ( For reference only )
a) Recommend condition:
Speed
Q-Rate
Power
80mm±20
10~12 KHz
3.0~4.5KW
b) Inadequate laser trim power can cause poor electrical characteristic
e.g., wide distributions and overload instability.
c) For different equipment types, please test & set up suitably trimming condition.
d) To avoid too long trimming length that will result poor power rating.
e) Resistance rising rate
15.2 After Trimming, In order to avoid humidity, dusty, corrosive gas result failure of resistor.
It is necessary that choosing suitable sealing glue to cover whole resistor surface.
Single cut
L cut
Double reverse cut
Double cut
Initial resistance increase of magnification
W’/w (w’=Total trimmed length)


Similar Part No. - RT04MT1540

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0401BKB0710KL YAGEO-RT0401BKB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401BKC0710KL YAGEO-RT0401BKC0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401BRB0710KL YAGEO-RT0401BRB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401BRC0710KL YAGEO-RT0401BRC0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0401CKB0710KL YAGEO-RT0401CKB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results

Similar Description - RT04MT1540

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com