Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF12-075V06-EF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TRF12-075V06-EF
Description  Lead Free SMD Resettable Fuse
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRF12-075V06-EF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TRF12-075V06-EF Datasheet HTML 1Page - List of Unclassifed Manufacturers TRF12-075V06-EF Datasheet HTML 2Page - List of Unclassifed Manufacturers TRF12-075V06-EF Datasheet HTML 3Page - List of Unclassifed Manufacturers TRF12-075V06-EF Datasheet HTML 4Page - List of Unclassifed Manufacturers TRF12-075V06-EF Datasheet HTML 5Page - List of Unclassifed Manufacturers TRF12-075V06-EF Datasheet HTML 6Page - List of Unclassifed Manufacturers TRF12-075V06-EF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Lead Free SMD Resettable Fuse
Document No
TRF12OS002A
Issued date
2010/07/09
Page
5/7
TA-I TECHNOLOGY CO., LTD
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
8. Environment
8.1 Operating Conditions
Operating Temperature: -40℃ to 85℃
Device Surface Temperature in Tripped State: 125℃ max
8.2 Environmental Specifications
TEST ITEM
Condition
Resistance Change
Passive aging
85℃,1000hr
±
5% typical
Humidity aging
85℃,85%R.H,1000hr
±
5% typical
Thermal shock
85℃ to -40℃,20times
±
10% typical
Resistance to solvent
MIL-STD-202,Method215
No change
Vibration
MIL-STD-883C,Method2007.1
Condition A
No change
8.3 Solder Reflow Recommendations
‧Recommend reflow methods : IR, vapor phase oven, hot air oven.
‧Devices are not designed to be wave soldered to the bottom side
of the board.
‧Recommended maximum paste thickness is 0.25 mm(0.010 inch).
‧Devices can be cleaned using standard method and solvents.
Note : If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.


Similar Part No. - TRF12-075V06-EF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
[Old version datasheet]   TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208 Datasheet
2Mb / 30P
[Old version datasheet]   TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF1208 TI-TRF1208 Datasheet
2Mb / 31P
[Old version datasheet]   TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022
TRF1208 TI1-TRF1208 Datasheet
2Mb / 41P
[Old version datasheet]   TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
TRF1208B TI1-TRF1208B Datasheet
2Mb / 41P
[Old version datasheet]   TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
More results

Similar Description - TRF12-075V06-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
TRF18-010V60-EF ETC-TRF18-010V60-EF Datasheet
305Kb / 8P
   Lead Free SMD Resettable Fuse
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
logo
AiT Semiconductor Inc.
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
   SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com