Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMD06FE100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RMD06FE100
Description  Alloy Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD06FE100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RMD06FE100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD06FE100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
4/11
TA-I TECHNOLOGY CO., LTD
6. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits △R
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55〜 +125 ℃
Refer 5.0
Short Time Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rated voltage for 5 sec
±
(1% + 0.05Ω )
Intermittent Overload
EC60115-1-4.39
JIS-C5201-1-4.39
3.0 X rated voltage or Max Overloading
voltage ,1sec “ON” , 25sec “OFF” , 10000
cycles)
±
(5.0% + 0.1Ω)
Endurance (Load Life)
IEC60115-1-4.25.1
JIS-C5201-1-4.25.1
1000 hours at rated voltage, 70℃ , 1.5hours
“ON “, 0.5hour “OFF”
0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(3.0%+0.1Ω)
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated voltage , 40±2℃,
90~95% RH 1.5hours “ON “, 0.5hour “OFF”
0.5%,1%:±(1.0%+0.05Ω)
2%, 5%:±(3.0%+0.1Ω)
Rapid Change
of Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19
-55℃ (30 min. ) / +155 ℃(30 min. ) 5 cycles
0.5%,1%:±(0.5%+0.05Ω)
2%, 5%:±(1.0%+0.05Ω)
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Robustness of Termination
(Bending)
IEC60115-1-4.33
JIS-C5201-1-4.33
3mm deflection
0.5%,1%:±(0.5%+0.05Ω)
2%,5%:±(1.0%+0.05Ω)
Dielectric Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS-C5201-1-4.7
Applying voltage :
0603 : 300V The other 500V for a minute .
No
abnormalities
such
as
flashover,
burning
dielectric
breakdown shall appear.
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-1-4.6
Applying voltage 100V for 1 minute.
1GΩ
Resistance to Dry Heat
IEC60115-1-4.23.2
JIS-C5201-1-4.23.2
155±5℃ for 96±4Hrs
0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(2.0%+0.1Ω)
Resistance to Solder Heat
IEC60115-1-4.18
JIS-C5201-1-4.18
270 ±5℃ solder , 10 ±1 sec dwell .
0.5%,1%:±(0.5%+0.05Ω)
2%, 5%:±(1.0%+0.05Ω)
Note* : RCWV : Rated continuous working voltage .


Similar Part No. - RMD06FE100

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RMD01 GULFSEMI-RMD01 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 100V CURRENT:0.8A
RMD04 GULFSEMI-RMD04 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 400V CURRENT:0.8A
logo
Tyco Electronics
RMD05024 MACOM-RMD05024 Datasheet
175Kb / 3P
   Power Relay
RMD05524 MACOM-RMD05524 Datasheet
175Kb / 3P
   Power Relay
RMD05615 MACOM-RMD05615 Datasheet
175Kb / 3P
   Power Relay
More results

Similar Description - RMD06FE100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
logo
Riedon Powertron
CRS0504 RIEDON-CRS0504 Datasheet
274Kb / 2P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ1GEYJ PANASONIC-ERJ1GEYJ Datasheet
447Kb / 4P
   Thick Film Chip Resistors
logo
ABCO ELECTRONICS CO.LTD
ATR0402 ABCO-ATR0402 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-2GEJ473X PANASONIC-ERJ-2GEJ473X Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com