Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMH10FT1540 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RMH10FT1540
Description  Thick Film High Power Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMH10FT1540 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RMH10FT1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMH10FT1540 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Thick Film High Power Chip Resistors
(RMH series standard Halogen-Free)
Document No.
TRMH-XX0S001H
Revise Date
2014/08/19
page number
9/11
TA-I TECHNOLOGY CO., LTD
9. Label :
9.1 Manufacture Label :
Marking color
Date Code Resistance
Tolerance
Type
Lot No:
9.2 Customer Label ( By customer request ):
Lead-Free Products
Product Spec.
Customer No:
Date
Year Month
10. Recommended land patterns :
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RMH
04 (0402)
0.50~0.6
1.4~1.6
0.4~0.6
RMH
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RMH
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RMH
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
QTY: 5000 PCS
102
J P
T433H0016K
1433
RMH06JT
TA-I TECH
LEAD FREE
0603 5%(T) 1KΩ
105A702723 RMH06JT102
04.05.21


Similar Part No. - RMH10FT1540

ManufacturerPart #DatasheetDescription
logo
RFE international
RMH10 RFE-RMH10 Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
RMH10R-10K0-J RFE-RMH10R-10K0-J Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
More results

Similar Description - RMH10FT1540

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
   High Power Thick Film Chip Resistors
logo
List of Unclassifed Man...
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
   Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
   Thick Film High Power Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
   Thick Film Power Chip Resistors
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
   Thick Film Power Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com