Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMH06JT1540 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RMH06JT1540
Description  Thick Film High Power Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMH06JT1540 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RMH06JT1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Thick Film High Power Chip Resistors
(RMH series standard Halogen-Free)
Document No.
TRMH-XX0S001H
Revise Date
2014/08/19
page number
10/11
TA-I TECHNOLOGY CO., LTD
11.Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Allowed Re-flow times : 3 times
Remark : To avoid discoloration phenomena of chip on terminal electrodes,
please use N2 Re-flow furnace .
Profile Feature
Lead (Pb )-Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3℃ / second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax ) (ts)
150℃
200℃
60 -150 seconds
Time maintained above :
- Temperature (TL)
- Time (TL)
217℃
60-120 seconds
Peak Temperature (Tp)
260℃
Time within
5
0
of actual Peak
Temperature (tp)2
10 seconds
Ramp-down Rate
6℃/second max.
Time 25℃ to Peak Temperature
8mimutes max.
12. Storage Conditions:
Temperature: 5℃~35℃,Humidity:40%~75%


Similar Part No. - RMH06JT1540

ManufacturerPart #DatasheetDescription
logo
RFE international
RMH06 RFE-RMH06 Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
More results

Similar Description - RMH06JT1540

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
   High Power Thick Film Chip Resistors
logo
List of Unclassifed Man...
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
   Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
   Thick Film High Power Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
   Thick Film Power Chip Resistors
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
   Thick Film Power Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com