Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMH12FT103 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RMH12FT103
Description  Thick Film High Power Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMH12FT103 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RMH12FT103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMH12FT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Thick Film High Power Chip Resistors
(RMH series standard Halogen-Free)
Document No.
TRMH-XX0S001H
Revise Date
2014/08/19
page number
5/11
TA-I TECHNOLOGY CO., LTD
7. Marking :
7.1 ±5%(E24) : RMH06 / RMH10 / RMH12
Resistance value is expressed by 3 digits, the first two digits represent the significant figures of
nominal resistance value inΩ, and the third digit represents exponent for base of 10.
E.G. :, 102 = 10×10
2 = 1000Ω = 1KΩ
7.2 ±1% (E96 ) : RMH10 / RMH12
Resistance value is expressed by 4 digits , the first three digits represent the significant
figures of nominal resistance value inΩ, and the fourth digit represents exponent for base of 10.
E.G. : 1000 = 100×10
0 = 100Ω
7.3 ±1% ( E96): RMH06
When the marking space is too small in such small-sized resistors as RMH06, the marking can not
made by 4 digits and may be made by two digits combined with one English capital.
Symbol for E96 series nominal resistance value
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
1000
102


Similar Part No. - RMH12FT103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMH12 RFE-RMH12 Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
More results

Similar Description - RMH12FT103

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
   High Power Thick Film Chip Resistors
logo
List of Unclassifed Man...
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
   Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
   Thick Film High Power Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
   Thick Film Power Chip Resistors
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
   Thick Film Power Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com