Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMF02GT103 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RMF02GT103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF02GT103 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RMF02GT103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 11Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
8/13
TA-I TECHNOLOGY CO., LTD
7.5 RMF02 & RMF04
8. Taping & Reel :
8.1 Taping Dimensions
8.1.1 4 mm pitch paper:
Packing Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RMF06 1.1±0.1
1.9±0.1
8.0±0.2
3.5±0.05
1.75±0.1
4.0±0.1 2.0±0.05
4.0±0.1
+0.1
ψ
1.5
-0
0.64±0.1
RMF10 1.6±0.15
2.4±0.2
0.84±0.1
RMF12 2.0±0.15
3.6±0.2
RMF13 2.8±0.2
3.6±0.2
8.1.2 2 mm pitch paper :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RMF02 0.37±0.05
0.67±0.1
8.0±0.2 3.5±0.05
1.75±0.1
2.0±0.1
2.0±0.05
4.0±0.1
+0.1
ψ
1.5
-0
0.37±0.1
RMF04 0.7±0.05
1.2±0.05
2.0±0.1
2.0±0.1
0.45±0.1
RMF06 1.1±0.1
1.9±0.1
2.0±0.1
2.0±0.1
0.64±0.1


Similar Part No. - RMF02GT103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF04 RFE-RMF04 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
RMF06 RFE-RMF06 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
TAITRON Components Inco...
RMF08C TAITRON-RMF08C Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
More results

Similar Description - RMF02GT103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com