Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMD10FT100 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RMD10FT100
Description  Alloy Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMD10FT100 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RMD10FT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMD10FT100 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Alloy Film Chip Resistors
(Totally Lead Free for RMD series standard)
Halogen-Free
Document No. TRMD-XX0S001A
Revise Date
2012/10/18
page number
8/11
TA-I TECHNOLOGY CO., LTD
8.1.3. Bulk Case Specifications:
UNIT: mm
Package
Type
Size
Paper Tape
Emboss Plastic Tape
4 mm pitch
Bulk
4 mm pitch
2 mm pitch
178mm/R
250mm/R
178mm/R
250mm/R
RMD
06
5000
10000
10000
20000
20000
RMD
10
5000
10000
10000
RMD
12
5000
10000
5000
8.2 Reel Specifications:
UNIT: mm
Type
ψ
A
ψ
B
ψ
C
W
T
RMD 06/10/12
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0


Similar Part No. - RMD10FT100

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMD10FT100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
logo
Riedon Powertron
CRS0504 RIEDON-CRS0504 Datasheet
274Kb / 2P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ1GEYJ PANASONIC-ERJ1GEYJ Datasheet
447Kb / 4P
   Thick Film Chip Resistors
logo
ABCO ELECTRONICS CO.LTD
ATR0402 ABCO-ATR0402 Datasheet
538Kb / 3P
   THICK FILM CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-2GEJ473X PANASONIC-ERJ-2GEJ473X Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com