Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM20
Description  Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM20 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
1/13
TA-I TECHNOLOGY CO., LTD
1. Scope :
This specification applies for the RM series of thick film chip resistors made by TA-I.
2. Construction:
3. Type Designation:
RM
10
J
TN
103
Product Code
Size
Tolerance
Packaging
Nominal
RM : Chip Resistor
Power Rating
Resistance
Special
L : 06 – 2mm pitch
paper Tape
+N: Lead-Free
02-0201(0603) 1/20W
04-0402(1005) 1/16W
06-0603(1608) 1/10W
10-0805(2012) 1/8W
12-1206(3216) 1/4W
13-1210(3226) 1/3W
20-2010(5025) 1/2W
25-2512(6432) 1 W
J-±5%
G-±2%
F-±1%
D-±0.5%
B-±0.1%
T-Paper Tape
E-Embossed Tape
B-Bulk Cassette
3 digits, e.g.,:
(E-24) 103 = 10kΩ
0 = 0Ω
4 digits, e.g., :
(E-96) 1540 = 154Ω
43R2 = 43.2Ω
Ceramic Substrate
Ni Plating
Conductor
Sn Plating
Resistive Element
Over Coat (Color : Black)


Similar Part No. - RM20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM20 MITSUBISHI-RM20 Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20 MITSUBISHI-RM20 Datasheet
27Kb / 2P
   Three-Phase Diode Bridge
logo
Micro Commercial Compon...
RM20 MCC-RM20 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
logo
List of Unclassifed Man...
RM20 ETC-RM20 Datasheet
589Kb / 11P
   Thick Film Chip Resistors
logo
Zibo Seno Electronic En...
RM20 ZSELEC-RM20 Datasheet
144Kb / 2P
   0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
More results

Similar Description - RM20

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com