Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM06 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RM06
Description  Thick Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM06 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RM06 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM06 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA-I
Thick Film Chip Resistors
( Lead
– Free for RM 0 ohm series)
Document No.
TRM-XXOS102D
Revise Date
2011/08/12
page number
6 /11
TA-I TECHNOLOGY CO., LTD
8.1.3
4 mm pitch Emboss :
Packing Type
A
B
W
F
E
P1
P2
P0
D0
T
Emboss
RM20 2.8±0.2
5.3±0.2
12.0±0.2
5.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.05
+0.1
ψ1.5
-0
0.85±0.15
RM25 3.6±0.2
6.9±0.2
8.2
Reel Specifications :
UNIT: mm
Type
ψA
ψB
ψC
W
T
RM02 /04 / 06
RM10 /12 /13
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0
RM20 / 25
13.0 ± 1.0
15.5 ± 1.0


Similar Part No. - RM06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM06 ETC-RM06 Datasheet
1,011Kb / 13P
   Thick Film Chip Resistors
logo
RAYEX ELECTRONICS CO., ...
RM06-L1A110 RAYEX-RM06-L1A110 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM06-L1D12 RAYEX-RM06-L1D12 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM06-L1D24 RAYEX-RM06-L1D24 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM06-L2A110 RAYEX-RM06-L2A110 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
More results

Similar Description - RM06

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com