Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT220DBU-4H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IT220DBU-4H
Description  Dynamic Braking Unit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IT220DBU-4H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IT220DBU-4H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
DBU
Dynamic Braking Unit
Features
- Used for load with relatively high damping frequency(ED), 20%.
- Up to a max of 4 parallel driving control units is possible.
- Used for load with high damping frequency.
GENERAL SPECIFICATIONS
Model
Max Input Direct
Current Voltage
Applicable Inverter Capacity
[kW]
Damping Resistance
Capacity[kW]
Min Resistance
Value[Ω ]
IT150DBU-2H
200V series
DC 400V
11 kW
15 kW
3.2 kW
8.5 Ω
IT220DBU-2H
18.5 kW
22 kW
30 kW
4.8 kW
5.7 Ω
IT370DBU-2H
37 kW
45 kW
6.4 kW
4.2 Ω
IT550DBU-2H
55 kW
9.6 kW
2.8 Ω
IT150DBU-4H
400V series
DC 800V
11 kW
15 kW
3.2 kW
33.9 Ω
IT220DBU-4H
18.5 kW
22 kW
4.8 kW
22.8 Ω
IT370DBU-4H
30 kW
37 kW
6.4 kW
16.9 Ω
IT550DBU-4H
45 kW
55 kW
9.6 kW
11.4 Ω
IT750DBU-4H
75 kW
12.8 kW
8.4 Ω
CHARACTERISTICS
DIMENSIONS
Surrounding
Temp
-10℃ ~ 40℃
Humidity
Relative humidity of under 90% RH(Should be no
dew condensation)
Altitude
Under 1000m above the sea level
Cooling way
Natural cooling
Surrounding
circumstance
There should be no corrosive gas inside panel,
oil remnant,
inflammable gas and dust inside panel.
Max Turn
on time
6sec
Protecting
function
Protection of heat sink’s overheating, over current
and output shortcut
Output signal
HEAT SINK heating, FUSE OPEN, OC trip signal
Parallel
driving
Up to a max of 3 parallel driving units is possible.
Allowed
damping
frequency
Without cooling FAN, 10%
Ave damping
torque
100%


Similar Part No. - IT220DBU-4H

ManufacturerPart #DatasheetDescription
logo
TEMEX
IT2200J TEMEX-IT2200J Datasheet
580Kb / 7P
   SMD Temperature Compensated Crystal Oscillator
IT2200K TEMEX-IT2200K Datasheet
622Kb / 7P
   SMD Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IT2205BE16.368MHz ETC2-IT2205BE16.368MHz Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - IT220DBU-4H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBRI-EW16K ETC1-DBRI-EW16K Datasheet
711Kb / 2P
   Dynamic Braking Resistors
logo
Soberton Inc.
SP-2014L SOBERTON-SP-2014L Datasheet
291Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-1606 SOBERTON-SP-1606 Datasheet
284Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-1503FW SOBERTON-SP-1503FW Datasheet
399Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-1504-16 SOBERTON-SP-1504-16 Datasheet
284Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-2209 SOBERTON-SP-2209 Datasheet
275Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-2305W SOBERTON-SP-2305W Datasheet
323Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-4510 SOBERTON-SP-4510 Datasheet
333Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-4510-1 SOBERTON-SP-4510-1 Datasheet
348Kb / 6P
   SP DYNAMIC SPEAKER UNIT
SP-1303L-1 SOBERTON-SP-1303L-1 Datasheet
275Kb / 6P
   SP DYNAMIC SPEAKER UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com