Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7685 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # L7685
Description  60 W XENON FLASH LAMP SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7685 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  L7685 Datasheet HTML 1Page - Hamamatsu Corporation L7685 Datasheet HTML 2Page - Hamamatsu Corporation L7685 Datasheet HTML 3Page - Hamamatsu Corporation L7685 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
i
h
k
j
g
NOTE: g
h
i
j
k
RELATED PRODUCTS
Trigger Socket E6647
Power Supply C6096
Dimensional Outline (Unit: mm)
Specifications
Dimensional Outline (Unit: mm)
14.8
±0.1
28.5
±1.0
5.5
73.5
±2.0
500
±20
RED : MAIN DISCHAGE VOLTAGE
METAL
BROWN : GND (TRIGGER)
BLACK : GND (MAIN)
WHITE : TRIGGER VOLTAGE
Parameter
Description/Value
Output Voltage
(dc)
300 V to 1000 V
60 W Max.
±1 % Max.
0.1
µF
180 V Typ.
0.22
µF
Internal / External
10 Hz to 100 Hz
1 k
Rectangular Waveform
5 V
24 V
± 1.2 V
90 W
Not Required
Approx. 550 g
Input Voltage (dc)
Power Consumption
Cooling
Weight
Trigger
Input
Section
Trigger
Section
Main
Power
Supply
Output Capacity
Stability
Main Supply Capacitor
Trigger Output Voltage
Trigger Capacitor
Trigger Type
Repetition Rate
Trigger Input Impedance
Input Waveform
Input Voltage
108
±2
174
±3
80.0
±0.5
14
2-M3
100.0
±0.5
2-M3
TLSXA0051EA
TLSXA0050EB
In order to operate a Xenon flash lamp, it is necessary to supply the prescribed high voltage between anode and
cathode, and to trigger probes. To facilitate the above operation, the trigger socket consists of high voltage
transformer and voltage divider resistors and capacitors chain to supply the appropriate pulse voltage to each
electrode.
As E6647 radiates heat from its metal parts during the operation due to the input energy, it is recommended to
use a cooling fan to keep the surface temperature of the metal parts at less than 50
°C.
C6096 has large capability to operate the lamp stable in spite of its compact dimensions. At 1 J/flash input energy
becomes over 0.05 J, it is necessary to have an additional external capacitor E7289-01 (option).
The range of 700 V to 1000 V is used for the operation
of 60 W Xenon flash lamp series.
In the case of connects temperature sensor lead lines
from the cooling jacket, the output voltage becomes 0 V
when the temperature sensor turns on.
At 1 J/flash input energy becomes over 0.05 J, it is
necessary to have an additional external capacitor
E7289-01 (option).
Don’t use beyond 60 Hz at the operation of 60 W input.
A trigger pulse voltage is supplied to each electrode at
the same time as an input trigger signal rise.


Similar Part No. - L7685

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7685 HAMAMATSU-L7685 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
More results

Similar Description - L7685

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684_06 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
   COMPACT 2W XENON FLASH LAMP MODULES
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
   Xenon Flash Controller & LED Torch Driver
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
PHOENIX CONTACT
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, green, Xenon flash tube
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, red, Xenon flash tube
2700103 PHOENIX-2700103 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, yellow, Xenon flash tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com