Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7684 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # L7684
Description  60 W XENON FLASH LAMP SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7684 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  L7684 Datasheet HTML 1Page - Hamamatsu Corporation L7684 Datasheet HTML 2Page - Hamamatsu Corporation L7684 Datasheet HTML 3Page - Hamamatsu Corporation L7684 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
60 W XENON FLASH LAMP SERIES
TLSX1029E02
JUL. 2001 IP
Printed in Japan (1000)
Cooling Jacket E6611
Dimensional Outline (Unit:mm)
Dimensional Outline (Unit: mm)
Dimensional Outline (Unit: mm)
Light-Guides
TLSXA0052EB
TLSXA0062EA
TLSXA0053ED
Light-guides are effective to guide the output light into a
place where does not allow to direct irradiation due to its
construction or to plural places simultaneously. A short arc of
60 W Xenon flash lamps allows the light into the light-guides
effectively. As the standard option, two types of light guide
are available from us upon your application. Please refer to
below table.The light-guides holder for the cooling jacket is
also available from Hamamatsu. (The light-guides holder will
be included for the combination order of the cooling jacket
and the standard light-guides.)
External Main Discharge Capacitor E7289-01
The exclusive main discharge capacitor (2
µF) for 60 W
(1 J/Flash, 60 Hz) inputs the operation of 60 W Xenon flash
lamp series. It allows to operate safely by easy connection
with a power supply.
Type No.
Material
Length
Output
diameter
Transmittance
wavelength
Quartz glass fiber
5 mm
5 mm
Compound glass fiber
A2873
A7432
1 m
220 nm to 1300nm
380 nm to 1300nm
1 m
1000
30
25
10
33
60
SUS FLEXIBLE TUBE
10
Warranty
* PATENT PENDING : JAPAN 1
The warranty period will be one year following the date of shipment or specified life time whichever comes first. The area of warranty is
Iimited to replacement of the faulty lamp. Faults resulting from natural disasters and improper usage will also be excluded from warranty.
160
± 3
320
100
± 3
78
± 1
2-M3
This cooling jacket is exclusively designed for 60 W Xenon flash lamps will keep the temperature of the lamp and
electric parts such as the trigger socket at less than maximum ratings and maintain at even temperature by a built-in
cooling fan, and offers the stable operation of the lamp. It has to be used for the operation of more than 15 W input.
* The temperature sensor is for the protection of a lamp, a
trigger socket and a power supply, when it detects an ab-
nornal high temperature due to out of work with the cool-
ing fan. When lead lines of temperature sensor are con-
nected to the protection circuit terminal of C6096 exclu-
sive power supply, the power supply will stop its opera-
tion.
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
HOMEPAGE URL http://www.hamamatsu.com
35
65
SETTING HOLES 2-M4
× P1
21.0
±1.5
175
±3
COOLING FAN (RATING : 24 V, 0.1 A dc)
TRIGGER SOCKET
SHIELD CABLE
RED: Cooling fan input voltage (+24 V)
BLACK: Cooling fan GND
YELLOW: Temperature sensor
BLUE: Temperature sensor
LAMP
TRIGGER SOCKET
TEMPERATURE SENSOR
*


Similar Part No. - L7684

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
L7684 HAMAMATSU-L7684_06 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
More results

Similar Description - L7684

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684_06 Datasheet
160Kb / 4P
   60 W XENON FLASH LAMP SERIES BUILT-IN REFLECTIVE MIRROR
L12336 HAMAMATSU-L12336_15 Datasheet
555Kb / 4P
   COMPACT 2W XENON FLASH LAMP MODULES
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
   LONG LIFE XENON LAMP SERIES
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
   Xenon Flash Controller & LED Torch Driver
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
   Xenon Flash Driver with 5V IGBT Control
logo
PHOENIX CONTACT
2700102 PHOENIX-2700102 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, green, Xenon flash tube
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, red, Xenon flash tube
2700103 PHOENIX-2700103 Datasheet
59Kb / 4P
   Flashing beacon element, 24 V DC, yellow, Xenon flash tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com