Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7022 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L7022
Description  High power LED array for spatial light transmission
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7022 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L7022 Datasheet HTML 1Page - Hamamatsu Corporation L7022 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Infrared LED
L7022
Cat. No. KLED1007E02
Apr. 2001 DN
-40
-20
0
20
40
60
80
100
-5
-4
-2
0
-3
-1
+1
+3
+2
AMBIENT TEMPERATURE (˚C)
(Typ. IF=900 mA, tw=100 µs, 0.1 %)
700
800
900
1000
0
40
20
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=100 mA)
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80 %
100 %
40 %
60 %
20 %
20˚
10˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
10
1
10
100
10000
1000
100
10000
1000
456789
10
10
100
10000
1000
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100 µs, 0.1 %)
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80 %
100 %
40 %
60 %
20 %
20˚
10˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
No.1 PIN MARK
7.62
2.54
12.7
16.5 ± 0.2
15.5 ± 0.2
5.9 ± 0.3
0.2 ± 0.1
s Emission spectrum
KLEDB0168EA
s Dimensional outline (unit: mm)
s Radiant output vs. forward current
KLEDB0169EA
s Forward current vs. forward voltage
KLEDB0217EA
s Directivity (direction in short side)
KLEDB0069EB
s Directivity (direction in long side)
KLEDB0170EA
s Radiant output vs. ambient temperature
KLEDB0171EA
s Allowable forward current vs.
ambient temperature
KLEDB0027EB
KLEDA0021EB


Similar Part No. - L7022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
   2A QUAD DARLINGTON SWITCH
L702B STMICROELECTRONICS-L702B Datasheet
130Kb / 7P
   2A QUAD DARLINGTON SWITCH
L702N STMICROELECTRONICS-L702N Datasheet
130Kb / 7P
   2A QUAD DARLINGTON SWITCH
More results

Similar Description - L7022

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7558 HAMAMATSU-L7558 Datasheet
122Kb / 2P
   High-speed, high-power infrared LED for spatial light transmission
logo
Texas Instruments
LM48903 TI1-LM48903 Datasheet
888Kb / 59P
[Old version datasheet]   Stereo Class D Spatial Array
logo
Mitel Networks Corporat...
1A313 MITEL-1A313 Datasheet
46Kb / 2P
   High-Performance LED Power Transmission
logo
Sony Corporation
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
logo
Roithner LaserTechnik G...
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
   High Power LED Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com