Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5586 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L5586
Description  Subminiature LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L5586 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L5586 Datasheet HTML 1Page - Hamamatsu Corporation L5586 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Peak emission wavelength
L5276
: 880 nm
L5586, L6286: 940 nm
l L6286: High output power
l Subminiature plastic package with lens
Applications
l Optical switches
l Cameras
l Encoders
LED
Infrared LED
Subminiature LED
L5276, L5586, L6286
L5276, L5586 and L6286 are infrared LED molded into a subminiature, clear plastic package.
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
50
mA
Reverse voltage
VR
5
V
Pulse forward
current
IFP
Pulse width: 100 µs
Duty ratio: 1 %
0.5
A
Power dissipation
Po
80
mW
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-30 to +85
°C
Soldering
-
260 °C, 3 s
at least 2.5 mm away from package surface
-
s
Electrical and optical characteristics (Ta=25 °C)
L5276
L5586
L6286
Parameter
Symbol
Condition
Min.
Typ. Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Peak emission
wavelength
λp
IF=20 mA
-
880
-
-
940
-
-
940
-
nm
Spectral half width
∆λ
IF=20 mA
-
50
-
-
45
-
-
45
-
nm
Forward voltage
VF
IF=20 mA
-
1.3
1.6
-
1.25
1.45
-
1.25
1.45
V
Reverse current
IR
VR=5 V
-
-
10
-
-
10
-
-
10
µA
Radiant flux
φe
IF=20 mA
1.0
2.2
-
0.5
-
-
0.8
-
-
mW
Terminal capacitance
Ct
VR=0 V, f=1 MHz
-
30
-
-
20
-
-
20
-
pF


Similar Part No. - L5586

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5586 HAMAMATSU-L5586 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
More results

Similar Description - L5586

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-6000-E00XX HP-HLMP-6000-E00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Everlight Electronics C...
95-21SYGC-S530-XX-XXX EVERLIGHT-95-21SYGC-S530-XX-XXX Datasheet
251Kb / 11P
   1.9mm Round Subminiature Lead LED
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com