Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-2021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-2021
Description  2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits, with Standard Mounting Ears
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

03-09-2021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-2021 Datasheet HTML 1Page - Molex Electronics Ltd. 03-09-2021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-2021
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, with
Standard Mounting Ears
Documents:
3D Model
Product Specification PS-42477 (PDF)
Drawing (PDF)
Product Specification PS-43660-9999 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1545
Application
Power, Wire-to-Wire
Comments
Polarized to Mating Part, 17.0A max. can be achieved
when housing is used with 42477 or 42478 terminals
MolexKits
Yes
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753614802
Physical
Breakaway
No
Circuits (maximum)
2
Circuits Detail
1x2
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.811/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
6.30mm
Pitch - Termination Interface
6.30mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
14A
Material Info
Old Part Number
1545-P
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-42477, PS-43660-9999
Sales Drawing
SD-1545-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1545Series
Mates With
03-09-1022 , 03-09-1161
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1376 Male PC Tail Terminals,
1377 Female PC Tail Terminals, 1380
Male Crimp Terminals, 1381 Female Crimp
Terminals, 1433 Crimp Terminals, 1434
Male Crimp Terminals, 1973 Male


Similar Part No. - 03-09-2021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-2021 MOLEX1-03-09-2021 Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
logo
MolexKits
03-09-2021 MOLEXKITS-03-09-2021 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
03-09-2021 MOLEXKITS-03-09-2021 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 2 Circuit
logo
Molex Electronics Ltd.
03-09-2021 MOLEX1-03-09-2021 Datasheet
45Kb / 2P
   2.36mm Diameter Standard
03-09-2021-P MOLEX1-03-09-2021-P Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
More results

Similar Description - 03-09-2021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003092021 MOLEX1-0003092021 Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, With Standard Mounting Ears
0003092022 MOLEX1-0003092022 Datasheet
219Kb / 4P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, Without Mounting Ears
03-09-2022 MOLEX11-03-09-2022 Datasheet
46Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits, without Mounting Ears
0003097022 MOLEX1-0003097022 Datasheet
218Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing, 2 Circuits, Without Mounting Ears, Black
0050361688 MOLEX1-0050361688_18 Datasheet
34Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing without Mounting Ears
03-09-7022 MOLEX11-03-09-7022 Datasheet
46Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits, without Mounting Ears, Black
0003091022 MOLEX1-0003091022 Datasheet
215Kb / 4P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, Without Mounting Ears, WIth Ramps
0003097022 MOLEX1-0003097022_18 Datasheet
39Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits
0003092022 MOLEX1-0003092022_18 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits
0050361686 MOLEX1-0050361686_18 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com