Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W681511SG Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # W681511SG
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W681511SG Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button W681511SG Datasheet HTML 20Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 21Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 22Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 23Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 24Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 25Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 26Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 27Page - List of Unclassifed Manufacturers W681511SG Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
W681511
Publication Release Date: January 2009
- 24 -
Revision A11
PARAMETER
SYM.
CONDITION
MIN.
TYP.
MAX.
UNIT.
Output Offset Voltage
VOFF,PO
PAO+ to PAO-
---
---
±50
mV
Load Resistance
RLDPO
PAO+, PAO-
differentially
300
---
---
Ω
Load Capacitance
CLDPO
PAO+, PAO-
differentially
---
---
1000
pF
PO Output Current
IOUTPO
0.5
≤AO,RO+≤ V
DD-0.5
±10.0
---
---
mA
PO Output Resistance
RPO
PAO+ to PAO-
---
1
---
Ω
PO Differential Gain
GPO
RLD=300Ω, +3dBm0, 1
kHz, PAO+ to PAO-
-0.2
0
+0.2
dB
PO Differential Signal to Distortion C-
Message weighted
DPO
ZLD=300Ω
ZLD=100nF + 100Ω
ZLD=100nF + 20Ω
45
---
---
60
40
40
---
---
---
dBC
PO Power Supply Rejection Ratio (0 to
25 kHz to VDD, Differential out)
PSRRP
O
0 to 4 kHz
4 to 25 kHz
40
---
55
40
---
---
dB


Similar Part No. - W681511SG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W681511SG NUVOTON-W681511SG Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W681511SG

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com