Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB10CTS1001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RB10CTS1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB10CTS1001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RB10CTS1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB10CTS1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
3/13
TA-I TECHNOLOGY CO., LTD
5. Ratings & Characteristics
Type
Power
Rating
at 70℃
Rated
Voltage
Max.
Working
Voltage
Max.
Over- Load
Voltage
T.C.R
(PPM/℃)
Resistance Range
Resistance
tolerance(%)
RB04
1/16 W
Refer 5.2
50V
100V
± 5
±10
±25
±50
±100
10Ω~100KΩ
± 0.1~ ±1.0
RB06
1/10 W
Refer 5.2
75V
150V
± 25
±50
±100
1~9.1Ω
± 0.5~ ±1.0
RB06
1/10W
Refer 5.2
75V
150V
± 5
±10
±25
±50
±100
10Ω~390KΩ
± 0.1~ ±1.0
RB10
1/8 W
Refer 5.2
150V
300V
± 25
± 50
±100
1~9.1Ω
± 0.5~ ±1.0
RB10
1/8 W
Refer 5.2
150V
300V
± 5
±10
±25
±50
±100
10Ω~800KΩ
± 0.1~ ±1.0
RB12
1/4 W
Refer 5.2
150V
300V
± 25
± 50
±100
1~9.1Ω
± 0.5~ ±1.0
RB12
1/4 W
Refer 5.2
150V
300V
± 5
±10
±25
±50
±100
10Ω~1MΩ
± 0.1~ ±1.0
Operating Temp(℃): -55℃ ~ +155℃
Note : Except for the above standardized products, we also provide the
customized products.


Similar Part No. - RB10CTS1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB10CTS1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com