Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB10DTP1001 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RB10DTP1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB10DTP1001 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RB10DTP1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 10Page - List of Unclassifed Manufacturers RB10DTP1001 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
7/13
TA-I TECHNOLOGY CO., LTD
7.3
±
0.1% , ±0.5% , ±1% (RB06/E24)
When the resistance value is not in the list of E96 , 3 digitals with underline in E-24 series
is used as mark .
Symbol
E24
Marking
Symbol
E24
Marking
Symbol
E24
Marking
1
12R
120
31
510R
511
61
30K
303
2
16R
160
32
560R
561
62
33K
333
3
18R
180
33
620R
621
63
36K
363
4
22R
220
34
680R
681
64
39K
393
5
24R
240
35
820R
821
65
43K
433
6
27R
270
36
910R
911
66
47K
473
7
30R
300
37
1K2
122
67
51K
513
8
33R
330
38
1K6
162
68
56K
563
9
36R
360
39
1K8
182
69
62K
623
10
39R
390
40
2K2
222
70
68K
683
11
43R
430
41
2K4
242
71
82K
823
12
47R
470
42
2K7
272
72
91K
913
13
51R
510
43
3K0
302
73
120K
124
14
56R
560
44
3K3
332
74
160K
164
15
62R
620
45
3K6
362
75
180K
184
16
68R
680
46
3K9
392
76
220K
224
17
82R
820
47
4K3
432
77
240K
244
18
91R
910
48
4K7
472
78
270K
274
19
120R
121
49
5K1
512
79
300K
304
20
160R
161
50
5K6
562
80
330K
334
21
180R
181
51
6K2
622
81
360K
364
22
220R
221
52
6K8
682
82
390K
394
23
240R
241
53
8K2
822
83
430K
434
24
270R
271
54
9K1
912
84
470K
474
25
300R
301
55
12K
123
85
510K
514
26
330R
331
56
16K
163
86
560K
564
27
360R
361
57
18K
183
87
620K
624
28
390R
391
58
22K
223
88
680K
684
29
430R
431
59
24K
243
89
820K
824
30
470R
471
60
27K
273
90
910K
914


Similar Part No. - RB10DTP1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB10DTP1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com