Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL12FTNR100 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RL12FTNR100
Description  Alloy Film Chip Resistors Low Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL12FTNR100 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RL12FTNR100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 9Page - List of Unclassifed Manufacturers RL12FTNR100 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TA -I
Alloy Film Chip Resistors
Low Resistance (Standard)
Halogen-Free
Document No TRL-XX0S001O
Issued date
2014/08/06
Page.
8 / 10
TA-I TECHNOLOGY CO., LTD
9. Label :
9.1 Manufacture Label :
Date Code
Resistance Tolerance
Type
Lot No:
9.2 Customer Label: ( By customer request ) :
Lead-Free Products
Product Spec.
Customer No:
Date
Year Month
10. Recommended land patterns :
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RL
04(1005 )
0.5~0.6
1.4~1.6
0.4~0.6
RL
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RL
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RL
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
RL
20 (2010 )
3.3~3.7
5.7~6.5
2.3~3.5
RL
25 (2512 )
3.6~4.0
7.6~8.6
2.3~3.5
QTY: 5000 PCS
R10
J
T336B0026K
1336
RL10JT
TA-I TECH
LEAD FREE
0805 5%(T) 0.1Ω
105A702723 RL10JTNR10
04. 05. 21


Similar Part No. - RL12FTNR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL12FTNR050 ETC-RL12FTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
More results

Similar Description - RL12FTNR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com