Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL06FTNR100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RL06FTNR100
Description  Alloy Film Chip Resistors Low Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL06FTNR100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RL06FTNR100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL06FTNR100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA -I
Alloy Film Chip Resistors
Low Resistance (Standard)
Halogen-Free
Document No TRL-XX0S001O
Issued date
2014/08/06
Page.
4 / 10
TA-I TECHNOLOGY CO., LTD
7. Marking :
7.1 Type : 0805,1206,2010,2512
7.1.1 E96: 1%
Resistance value is expressed by 4 digits, the first “R” means decimal point
and the other digits represent for the normal resistance inΩ.
e.g., R100 =100 mΩ
7.1.2 E24: 2%,5%
Resistance value is expressed by 3 digits, the first “R” means decimal point
and the other digits represent for the normal resistance inΩ.
e.g., R10 =100 mΩ
7.2 Type : 0603
7.2.1 E96: 1%
When the marking space is too small in such small-sized resistors as RL06, the
marking can not made by 4 digits and may be made by two digits combined
with one English capital.
Significant figures of nominal resistance
Symbol
E24
E96
01
10
100
02
11
110
03
12
04
13
130
05
15
150
06
16
07
18
08
20
200
09
22
10
24
11
27
12
30
13
33
14
36
15
39
16
43
17
47
18
51
19
56
20
62
21
68
22
75
750
23
82
24
91
Symbol for multipliers
Symbol
A
B
C
D
E
F
G
H
X
Y
Z
multipliers
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
-1
10
-2
10
-3
e.g., 01Z=100 ×10
-3=100 mΩ
Notes :
When the resistance value is not in the list of E96 , 3 digitals with underline in E-24 series
is used as mark .
e.g.,
0603 : 120mΩ, 1%
Marking is 012


Similar Part No. - RL06FTNR100

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601D ULC-RL0601D Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601DC-0512 ULC-RL0601DC-0512 Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601DC-0524 ULC-RL0601DC-0524 Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601DC-0548 ULC-RL0601DC-0548 Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results

Similar Description - RL06FTNR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com