Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL06JTNR100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RL06JTNR100
Description  Alloy Film Chip Resistors Low Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL06JTNR100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RL06JTNR100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 9Page - List of Unclassifed Manufacturers RL06JTNR100 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TA -I
Alloy Film Chip Resistors
Low Resistance (Standard)
Halogen-Free
Document No TRL-XX0S001O
Issued date
2014/08/06
Page.
7 / 10
TA-I TECHNOLOGY CO., LTD
8.2 Reel Specifications :
UNIT: mm
Series
ψ
A
ψ
B
ψ
C
W
T
RL 04 /06 / 10 / 12
178 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ±1.0
11.5 ± 1.0
RL 20 / 25
13.0 ± 1.0
15.5 ±1.0
8.3 Peel – off force :
Peel – off force of paper and blister tape is in accordance with “JIS-C5202 ”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
carrier tape
top cover tape
10 ~ 15° standard: 0.1 ~ 0.7 N
P
ull
300 mm/min


Similar Part No. - RL06JTNR100

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601D ULC-RL0601D Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601DC-0512 ULC-RL0601DC-0512 Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601DC-0524 ULC-RL0601DC-0524 Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
RL0601DC-0548 ULC-RL0601DC-0548 Datasheet
394Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results

Similar Description - RL06JTNR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com