Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV08L06T-120 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MV08L06T-120
Description  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV08L06T-120 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MV08L06T-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV08L06T-120 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
3/9
TA-I TECHNOLOGY CO., LTD
5. Rating and Characteristics
Part Number
Size
Working Voltage
(MAX)
Breakdown Voltage
Peak
Current
Clamping
Voltage
(MAX)
Energy
Absorption
(MAX)
Typical
Capacitance
Unit Condition
AC
(VRMS)
DC
(V)
1mA (V)
8/20μs
(A)
(V)
10/1000μs (J)
1KHz (pF)
MV04L04T-080
0402
4
5.5
8(7.5~10.5)
20
20
0.05
200
MV04L06T-120
6
9
12(10.2~13.8)
20
24
0.05
135
MV04L11T-180
11
14
18(15.3~20.7)
20
35
0.05
50
MV04L14T-240
14
18
24(21.6~26.4)
15
40
0.05
45
MV06L04T-080
0603
4
5.5
8(7.5~10.5)
30
20
0.1
650
MV06L06T-120
6
9
12(10.2~13.8)
30
20
0.1
300
MV06L11T-180
11
14
18(15.3~20.7)
30
30
0.1
210
MV06L14T-240
14
18
24(21.6~26.4)
30
39
0.1
160
MV06L17T-270
17
22
27(24.3~29.7)
30
44
0.1
145
MV06L20T-330
20
26
33(29.7~36.3)
30
54
0.1
130
MV06L25T-390
25
30
39(35.1~42.9)
30
65
0.1
110
MV06L30T-470
30
38
47(42.3~51.7)
30
77
0.1
90
MV08L04T-080
0805
4
5.5
8(7.5~10.5)
80
20
0.1
1400
MV08L06T-120
6
9
12(10.2~13.8)
80
20
0.1
650
MV08L11T-180
11
14
18(15.3~20.7)
100
30
0.1
350
MV08L14T-240
14
18
24(21.6~26.4)
100
39
0.2
300
MV08L20T-330
20
26
33(29.7~36.3)
100
54
0.3
220
MV08L25T-390
25
30
39(35.1~42.9)
100
65
0.3
200
MV08L30T-470
30
38
47(42.3~51.7)
100
77
0.3
150
MV08L35T-560
35
45
56(50.4~61.6)
80
90
0.3
110
MV12L04T-080
1206
4
5.5
8(7.5~10.5)
100
20
0.2
3100
MV12L11T-180
11
14
18(15.3~20.7)
100
30
0.3
800
MV12L14T-240
14
18
24(21.6~26.4)
100
38
0.3
620
MV12L17T-270
17
22
27(24.3~29.7)
100
44
0.4
700
MV12L20T-330
20
26
33(29.7~36.3)
100
54
0.5
480
MV12L25T-390
25
30
39(35.1~42.9)
100
65
0.6
400
MV12L30T-470
30
38
47(42.3~51.7)
100
77
0.7
260
MV18L14T-240
1812
14
18
24(21.6~26.4)
800
38
2.3
3500
MV18L30T-470
30
38
47(42.3~51.7)
800
77
4.2
1600
*The Clamping voltage was measured at 8*20 us standard current.


Similar Part No. - MV08L06T-120

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MV036 VICOR-MV036 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F011M100 VICOR-MV036F011M100 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F011M100 VICOR-MV036F011M100 Datasheet
711Kb / 10P
   Transformer
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   High density
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Similar Description - MV08L06T-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com