Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS12V3T5R0 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CPS12V3T5R0
Description  Thin Film Chip Fuse
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CPS12V3T5R0 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CPS12V3T5R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 14Page - List of Unclassifed Manufacturers CPS12V3T5R0 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Thin Film Chip Fuse
Document No TCPS-XXOS004F
Issued date
2012/06/28
Page
11/19
TA-I TECHNOLOGY CO., LTD
█ Derating ratio for different ambient Temperature
◎ Referring to bottom figure and select the appropriate derating ratio :
e.g., Ambient temperature is 60 degree C
the derating ratio ≒ 0.95
Calculating the required rating of fuse needed .
◎ Safety coefficient : 70 % is safety coefficient from practical experience
< rating current of fuse
e.g.,
Condition :
Normal operating current =3.5 A
Ambient temperature 40 ℃ : Derating ratio ≒ 0.95
< rating current of fuse
Normal Operating Current
0.7 x derating ratio
3.5
0.7 x 0.95
105
5.263 < rating current of fuse
Ambient temperature
Safety coefficient


Similar Part No. - CPS12V3T5R0

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CPS12 EH-CPS12 Datasheet
638Kb / 12P
   Orbisint CPS12/CPS12D/CPS13
05.05
CPS12E EH-CPS12E Datasheet
686Kb / 12P
   ORP sensor for standard applications in process technology and environmental engineering
2020-06-29
More results

Similar Description - CPS12V3T5R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com