Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA01APSSS001C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PVA01APSSS001C
Description  Photovoltaic substrate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PVA01APSSS001C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PVA01APSSS001C Datasheet HTML 1Page - List of Unclassifed Manufacturers PVA01APSSS001C Datasheet HTML 2Page - List of Unclassifed Manufacturers PVA01APSSS001C Datasheet HTML 3Page - List of Unclassifed Manufacturers PVA01APSSS001C Datasheet HTML 4Page - List of Unclassifed Manufacturers PVA01APSSS001C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TA-I Technology Inc.
Approval Specification Sheet
for TA-I
Doc. No
SSS001C
Issued date
2012/08/22
Page
3 /5
TA-I TECHNOLOGY CO., LTD
2. Criteria of Visual Inspection:
2.1 Visual inspection
2.2 Test items are shown as below table.
2.3 Tool: CCD OM 15X
2.4 Panel defective control: Accept if defective </= 10%
2.5 Definition of test areas:
No.
Item
Examine area
Specification
Schematic diagram
1
a)Depression
b)Silver Point
c)Protrusion
d)Foreign
Materials
e)Contaminants
f)Crack
g)Peeling
(Electroless &
Electro Plating)
Single unit of
front and back
side
NG if
>/= 0.8mm
Front Side
Back Side
2
Pattern
Inspection
Pattern of front
and back side
The finish
pattern shall
per original
drawing
(above 95%).
3
Plating Layer /
Photoresist
Gap age of
bondpad area
No metal /
Photoresist in
indicated
area.


Similar Part No. - PVA01APSSS001C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVA01APSSS002C ETC-PVA01APSSS002C Datasheet
105Kb / 5P
   Photovoltaic substrate
More results

Similar Description - PVA01APSSS001C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVA01APSSS002C ETC-PVA01APSSS002C Datasheet
105Kb / 5P
   Photovoltaic substrate
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
International Rectifier
PVI5033R IRF-PVI5033R Datasheet
90Kb / 4P
   Photovoltaic Isolator
logo
Sanyou Corporation Limi...
SLE SANYOU-SLE Datasheet
157Kb / 3P
   Photovoltaic Relay
logo
Microsemi Corporation
MXP1156 MICROSEMI-MXP1156 Datasheet
40Kb / 1P
   Photovoltaic Optocoupler
logo
List of Unclassifed Man...
MSX-50 ETC2-MSX-50 Datasheet
212Kb / 2P
   Photovoltaic Modules
logo
Ironwood Electronics.
LS-BGA346A-05 IRONWOOD-LS-BGA346A-05 Datasheet
132Kb / 1P
   High temp substrate
logo
Anaren Microwave
E125N50X4 ANAREN-E125N50X4 Datasheet
216Kb / 2P
   AlN Ceramic Substrate
logo
Cree, Inc
W3NRD0T-0200-X CREE-W3NRD0T-0200-X Datasheet
88Kb / 1P
   GaN Substrate Products
logo
Hamamatsu Corporation
P5968-060 HAMAMATSU-P5968-060 Datasheet
170Kb / 4P
   InSb photovoltaic detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com