Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS06V3T4R0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CFS06V3T4R0
Description  Thin Film Chip Fuse
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFS06V3T4R0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CFS06V3T4R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers CFS06V3T4R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Thin Film Chip Fuse
Document No
TCFS-XX0S004I
Issued date
2012/11/26
Page
8/20
TA-I TECHNOLOGY CO., LTD
14. Recommend IR
– Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
, 5 sec
Pre
– heat Zone : 150 to 180 ℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
15. Approval by UL248-14
The fuses have been approved by UL.
File No. of UL Recognition is E241710
16. ECN
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.
17. Manufacturing Country & City :
TA-I TECHNOLOGY CO., LTD. ( Taiwan
– Tao Yuan )
Tel: (+886) 3-3246169
Fax : (+886) 3-3246167
Associated companies :
(1)TA-I TECHNOLOGY ( SU ZHOU ) CO., LTD. ( China
– Su Zhou)
Tel : (+86) 512-63457879
Fax : (+86) 512-63457869
(2) TA-I TECHNOLOGY ELECTRONIC (DONGGUAN ) CO., LTD. ( China
–Dongguan )
Tel : (+86) 769-8339-4790〜3
Fax : (+86) 769-8339-4794
(3) FORTUNE TASK RESISTOR FACTORY
( China
– Dongguan )
Tel : (+86) 769-8339-4790〜3
Fax : (+86) 769-8339-4794
(4) TAI OHM ELECTRONICS ( M ) SDN. BHD. ( Malaysia
– Penang )
Tel : (+60) 4- 3900480
Fax : (+60) 4-3901481
(5) P.T.TAI ELECTRONIC Indonesia ( Indonesia
– Jakarta )
Tel : (+62) 21-44820254
Fax : (+62) 21-44820256


Similar Part No. - CFS06V3T4R0

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CFS0.125W100RGTB TOKEN-CFS0.125W100RGTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W100RJTB TOKEN-CFS0.125W100RJTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W10KGTB TOKEN-CFS0.125W10KGTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W10KJTB TOKEN-CFS0.125W10KJTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W10MGTB TOKEN-CFS0.125W10MGTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
More results

Similar Description - CFS06V3T4R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com