Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP2269 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PP2269
Description  Heat Shrink Tubing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP2269 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PP2269 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP2269 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP2269 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP2269 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
14/06/13
Heat Shrink Tubing
2:1 Ratio
Features:
• Operation Temperature: -55°C to +125°C
• Min. Shrink Temperature: +70°C
• Shrink Ratio: 2:1
• MIL Spec Approved
• Material: Polyolefin
• Approvals : UL224, 125 °C 600V VW-1,
CSA22.2 No. 198.1 125 °C 600V, OFT
Property
Test Method
Typical Data
Tensile Strength
ASTM D 2671
14MPa
Ultimate Elongation (%)
ASTM D 2671
450
Longitudinal Shrinkage (%)
UL 224
+/-5
Heat Aging Tensile Strength Ultimate Elongation (%)
158°C, 168hr
11MPa 300
Flammability
UL224 VW-1
Pass
Heat Shock (250°, 4hrs)
ASTM D 2671
No Cracking
Cold Bend Tests (-55°, 4hrs)
ASTM D 2671
No Cracking
Dielectric Strength (kv/mm)
ASTM D 150
20
Volume Resistivity (ohm-cm)
ASTM D 876
1 × 1014
Copper Stability
UL224
Pass
Technical Property
Size
(In.)
Color
Expanded
Inner
Dia. (In.)
Recovered
Inner
Dia. (In.)
Spools
4 Ft. Lengths
6 In. Lengths
Part
Number
Spool
Size
(Ft.)
Part
Number
Lengths
per
Bag
Total
Footage
Part
Number
Lengths
per
Bag
Total
Footage
3/64
Black
0.047
0.024
PP1638
100
PP1650
25
100
PP1662
40
20
1/16
Black
0.063
0.031
PP1639
100
PP1651
25
100
PP1663
36
18
3/32
Black
0.094
0.047
PP1640
100
PP1652
25
100
PP1664
32
16
1/8
Black
0.125
0.063
PP1641
100
PP1653
25
100
PP1665
28
14
3/16
Black
0.188
0.094
PP1642
100
PP1654
25
100
PP1666
24
12
1/4
Black
0.25
0.125
PP1643
100
PP1655
25
100
PP1667
20
10
3/8
Black
0.375
0.188
PP1644
100
PP1656
25
100
PP1668
16
8
Part Number Table


Similar Part No. - PP2269

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PP22 VISHAY-PP22 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
   THERMOCOUPLE DATA LOGGER
logo
Pico Technology Ltd.
PP222 PICO-PP222 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
logo
Powerex Power Semicondu...
PP225D060 POWEREX-PP225D060 Datasheet
363Kb / 6P
   POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP225D120 POWEREX-PP225D120 Datasheet
363Kb / 6P
   POW-R-PAK 225A / 1200V Half Bridge IGBT Assembly
More results

Similar Description - PP2269

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com