Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LHA01APTAI004 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. LHA01APTAI004
Description  LED Heat Dissipation Substrate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LHA01APTAI004 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LHA01APTAI004 Datasheet HTML 1Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 2Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 3Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 4Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 5Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TA-I Technology Inc.
Approval Specification Sheet
for TA-I
Doc. No
TAI004 Series
Issued date
2012/08/22
Page
6 /6
TA-I TECHNOLOGY CO., LTD
5. Reliability test
No.
Item
Parameter
Specification
1
Adhesion test
1. Temp. : RT
2. Tool : 3M-600
3. Time : adhesive 30 seconds
4. Angle : 180°
 The exterior must be no
separate
2
Solderability
1. Temp.:245±5℃
2. Time:5±1sec
3. solder bath composition:
(Ag/Sn/Cu=3/96.5/ 0.5%)
Coverage>90%
3
Reflow
1. Temp.:280℃
2. Times:3 cycles
 The exterior must be no
separate, crack and warpage
 Maintain the electrical function.
6. Notices
(1)When inspection, packaging and handling:
Must wear gloves and masks when inspect products.
Must wear latex gloves before unpacking products
Must avoid vibration, shock and stress etc. when carry products.
(2) Storage conditions:
Store under 25℃±5℃、50%±10RH when sealed.
The expiration date is less than 3 months when sealed.
Store under 25℃±5℃、50%±10RH when unsealed.
Please store unsealed package in airtight containers and used up within 3 days.
(3)Before wire bonding:
Please clean and preheat before wire bonding.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn