Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LHA01APTAI004 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. LHA01APTAI004
Description  LED Heat Dissipation Substrate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LHA01APTAI004 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LHA01APTAI004 Datasheet HTML 1Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 2Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 3Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 4Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 5Page - List of Unclassifed Manufacturers LHA01APTAI004 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TA-I Technology Inc.
Approval Specification Sheet
for TA-I
Doc. No
TAI004 Series
Issued date
2012/08/22
Page
5 /6
TA-I TECHNOLOGY CO., LTD
4. Coating thickness test specification:
4.1 Using tools:
Substrate thickness
: Micrometer
Cu thickness
: 3 axis microscope
Cavity
thickness
: Micrometer
Final finish thickness
: X-ray thickness meter
4.2 Measurement position:
Substrate thickness
: Position 1
Cu thickness
: Position 2
Cavity
thickness
: Position 3
Final finish thickness
: Position 4
4.3 Inspect spec:
(Tree times average of measurement)
Substrate thickness
: 0.38±0.04mm
Cu thickness
: 65±10 um
Final finish thickness
:
TAI004B :
Ag:0.5 (0.4~1.2)um (electroless)
TAI004C :
Ni: 5 (2~8) um
Pd: 0.1 (0.05~0.25) um
Au: 0.1 (0.05~0.25) um (electroless)
TAI004D :
Ag:0.5 (0.4~1.2)um (electroless)
TAI004E :
Ni: 5 (2~10) um
Ag: 3 (1.5~7) um (electroplate)
TAI004F:
Ni: 5 (2~8) um
Au: 0.3 (0.2~0.8) um (electroplate)
TAI004G:
Ni: 5 (2~8) um
Pd: 0.1 (0.05~0.25) um
Au: 0.1 (0.05~0.25) um (electroless)
Cavity
thickness(Dry-film):0.1±0.02mm
TAI004B、C、D、E、F
TAI004G
1
2
4
3
1
2
4


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn