Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP04V3T1R0 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CP04V3T1R0
Description  Thin Film Chip Fuse
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CP04V3T1R0 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CP04V3T1R0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CP04V3T1R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Thin Film Chip Fuse
Document No
TCP-XXOS006H
Issued date
2012/06/28
Page
3/17
TA-I TECHNOLOGY CO., LTD
Part
Designation
Marking
Rated
Current
Fusing
Time
Resistance
(mΩ)
Tolerance±25%
Rated
Voltage
Breaking
Capacity
Body
Temperature
rising
CP12V6TR50
F
0.50A
Open
within
5sec.at
200%
rated
current
527.5
DC
63V
DC63V
50A
<75℃at
100% rated
current
CP12V6TR80
K
0.80A
211
CP12V6T1R0
L
1.00A
145.5
CP12V6T1R25
M
1.25A
90
CP12V6T1R50
P
1.50A
83
CP12V6T2R0
S
2.00A
57
CP12V3T2R50
T
2.50A
37
DC
32V
DC32V
50A
CP12V3T3R00
3
3.00A
26
CP12V3T4R0
W
4.00A
18
CP12V3T5R0
Y
5.00A
13
CP12V3T7R0
Z
7.00A
9
Part
Designation
Marking
Rated
Current
Fusing
Time
Resistance
(mΩ)
Tolerance±
25%
Rated
Voltage
Breaking
Capacity
Body
Temperature
rising
CP06V5TR50
F
0.50A
Open
within
5sec.at
200%
rated
current
260
DC 50V
DC50V 50A
<75℃at
100% rated
current
CP06V3TR63
I
0.63A
218
AC/DC 32V
AC/DC32V
50A
CP06V3TR80
K
0.80A
132
CP06V3T1R0
L
1.00A
84.5
CP06V3T1R25
M
1.25A
63
CP06V3T1R50
P
1.50A
50.5
CP06V3T1R60
N
1.60A
46
CP06V3T2R0
S
2.00A
32
CP06V3T2R50
T
2.50A
25.5
CP06V3T3R00
3
3.00A
20
CP06V3T3R15
U
3.15A
19
CP06V3T4R0
W
4.00A
13
CP06V3T5R0
Y
5.00A
10


Similar Part No. - CP04V3T1R0

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CP04 LSTD-CP04 Datasheet
638Kb / 2P
   Precise Temperature Control
logo
AVX Corporation
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
CP0402P AVX-CP0402P Datasheet
100Kb / 2P
   Thin Film Directional Coupler CP0402P High Directivity, Tight Coupling Tolerance
CP0402P0836AN AVX-CP0402P0836AN Datasheet
100Kb / 2P
   Thin Film Directional Coupler CP0402P High Directivity, Tight Coupling Tolerance
CP0402P0836EN AVX-CP0402P0836EN Datasheet
100Kb / 2P
   Thin Film Directional Coupler CP0402P High Directivity, Tight Coupling Tolerance
More results

Similar Description - CP04V3T1R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com