Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNCR24JTN1540 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CNCR24JTN1540
Description  Thick Film Chip Resistor Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNCR24JTN1540 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CNCR24JTN1540 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers CNCR24JTN1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Thick Film Chip Resistor Arrays
( Lead-Free for CNCR24 Concave Reverse Type )
Document No
TCNCR-240S001B
Revised Date
2012/11/06
page number
6 / 8
TA-I TECHNOLOGY CO., LTD
UNIT: mm
Type
ψ
A
ψ
B
ψ
C
W
T
CNCR24
178.0 ± 2.0
60 or more
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0
7.3 Peel off Strength:
Peel –off force of paper and blister tape is in accordance with “JIS-C5202”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
pull
top cover tape
300mm/min
10〜15∘
standard : 0.1〜0.7N
carrier tape
8. Label
8.1 Manufacture Label :
8.1.1 Chip Resistor Arrays
Date Code Resistance Tolerance Type
Lot No:
8.2. Customer Label ( By customer request ) :
8.2.1 Chip Resistor Arrays
QTY: 10000 PCS
102
J
63140076K-
0631
CNCR24JT
TA-I TECH
LEAD FREE
0402 8P4R 5% 1KΩ
21-283-621004 CNCR24JT102
04.05.21
Lead-Free Product
Date
Product Spec
Customer No


Similar Part No. - CNCR24JTN1540

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC1H001 PANASONIC-CNC1H001 Datasheet
83Kb / 4P
   Optoisolator
CNC1H101 PANASONIC-CNC1H101 Datasheet
92Kb / 4P
   Optoisolators
CNC1H101 PANASONIC-CNC1H101 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
More results

Similar Description - CNCR24JTN1540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com