Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH12V6TR50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CH12V6TR50
Description  Thin Film Chip Fuse
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH12V6TR50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CH12V6TR50 Datasheet HTML 1Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 2Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 3Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 4Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 5Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 6Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 7Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 8Page - List of Unclassifed Manufacturers CH12V6TR50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Thin Film Chip Fuse
Document No
TCH-XXOS001A
Issued date
2012/06/28
Page
1/13
TA-I TECHNOLOGY CO., LTD
1. Scope
This specification applies for the fuse series of thin film chip fuse made by TA-I.
2. Construction
3. Type Designation
Over Coat
Ceramic Substrate
Conductor
Cu / Ni Plating
Fuse Element
CH
Chip Fuse
06
Size
06:0603(1608)
12:1206(3216)
V5
Rated
Voltage
T
Packaging
T: Paper Tape (5K)
V6:63V
V5:50V
V3:32V
R50
2
Rated
Current
R50:0.5A
1R0:1A
Sn Plating


Similar Part No. - CH12V6TR50

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
CH12157 PENTAIR-CH12157 Datasheet
101Kb / 2P
   DISTRIBUTOR ASSEMBLY INSTRUCTIONS
CH12161 PENTAIR-CH12161 Datasheet
72Kb / 2P
   DISTRIBUTOR ASSEMBLY INSTRUCTIONS
CH12188 PENTAIR-CH12188 Datasheet
643Kb / 2P
   DISTRIBUTOR ASSEMBLY INSTRUCTIONS
CH12201 PENTAIR-CH12201 Datasheet
101Kb / 2P
   DISTRIBUTOR ASSEMBLY INSTRUCTIONS
logo
Systemsensor advanced i...
CH1224 SYSTEMSENSOR-CH1224 Datasheet
244Kb / 2P
   Chime and Chime Strobe
More results

Similar Description - CH12V6TR50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com