Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN24JTN0 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CN24JTN0
Description  Thick Film Chip Resistors Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CN24JTN0 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CN24JTN0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CN24JTN0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Thick Film Chip Resistors Arrays
(Lead-Free for CN 0 ohm Series)
Halogen-Free
Document No. TCN-XX0S036C
Revise Date
2014/04/25
page number
5/10
TA-I TECHNOLOGY CO., LTD
5. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits
(△R )
Temperature Coefficient
of
Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55〜 +125 ℃
Refer 4.0
Short Time Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rated voltage for 5 sec
50 mΩ or less
Intermittent Overload
IEC60115-1-4.39
JIS-C5201-1-4.39
2.5X rated voltage or Max Overloading Voltage ,
1 sec
“ON” 25 sec “OFF” , 10000 cycles
50m
Ω or less
Load Life
IEC60115-1-4.25.1
JIS-C5201-1-4.25.1
1000 hours at rated voltage , 70℃ , 1.5hours
“ON “, 0.5hour “OFF”
100 mΩ or less
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated voltage , 40±2℃,
90~95%
RH 1.5hours “ON “, 0.5hour “OFF”
100 mΩ or less
Rapid Change of Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19
-55℃ (30 min. ) / +155 ℃(30 min. ) 5 cycles
50 mΩ or less
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Core body
IEC60115-1-4.15
JIS-C5201-1-4.15
Pressure 1.0 kgf a R0.5 pressure rod for 10 sec
Without mechanical damage
such as breaks. Electrical
characteristics shall be
satisfied
Dielectric
Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS-C5201-1-4.7
Applying voltage 100V for 1 minute.
No abnormalities such as
flashover, burning dielectric
breakdown shall appear.
Resistance to Solder Heat
IEC60115-1-4.18
JIS-C5201-1-4.18
270 ±5℃ solder , 10 ±1 sec dwell .
50m
Ω or less
Note* : RCWV : Rated continuous working voltage .


Similar Part No. - CN24JTN0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN24JTN103 ETC-CN24JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN24JTN1540 ETC-CN24JTN1540 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN24JTN43R2 ETC-CN24JTN43R2 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN24JTN5R6 ETC-CN24JTN5R6 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
More results

Similar Description - CN24JTN0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com