Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NPC1140-BB1C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. NPC1140-BB1C
Description  Quad Gigabit Ethernet Media Access Controller
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

NPC1140-BB1C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quad GMAC (nPC1140)
Quad Gigabit Ethernet Media Access Controller
Documents & Related Products
Documents*
There are no related documents at this time.
* Additional related documentation is available
to approved registered users. You may
apply for a Login Account to request
access.
Products
Framer/Mapper
nPC1140
nPC1110
Network Processor
nP3700
nP3450
nP3454
nPC2110
nP3404
nP3400
Traffic Manager
nPX5700
Switch Fabric
nPX8005
nPX5700
nPX5500
nPX5418
nPX5412
Storage Silicon
nPX8005
nP7510
nP7250
nP7120
nP7020
General Description
The nPC1140 Quad Gigabit Media Access Controller (QuadGMAC) gluelessly
interfaces to an AMCC network processor
- the nP7250 OC
-48 Network
Processor, the nP7120 Multi-Gigabit Network Processor, or the nP7110
Gigabit Network Processor
- and to four Gigabit Ethernet transceiver
devices, or GMII-based PHY devices, to provide four full-duplex 1 Gbps
Media Access Controllers. The nPC1140 incorporates the system interface,
transmit and receive buffers, and Gigabit Ethernet control functions in a
single device. The nPC1140 features RMON statistics collection on each of
its ports. In addition, the nPC1140 has the ability to send flow control
status information so that the switch fabric can stop transmission to the
port receiving a pause frame indication from the link partner.
Features
?
Interfaces to nP7250, nP7120, nP7110
?
Compliant with the IEEE 802.3z Gigabit Ethernet standard
?
IEEE 802.3x Flow Control
?
ANSI X3T11 1.25 Gbps full
-duplex transceiver I/F
?
Supports Ten Bit Interface (TBI), GMII Interface and 4
-bit MII Interface
(for 10/100 Mbps)
?
16 -bit Reduced Generic Gigabit Interface (RGGI)
?
Supports padding of short packets on transmit; can receive packet bursts
?
RMON statistics exceeding the MIB standard
?
JTAG Test support
?
Synchronous 50/52 MHz operation
?
Supports multiple GMAC port connection to the system with different
configurations
?
0.18u CMOS technology
Applications
?
MPLS Switch Routers
?
Core Routers
?
Subscriber Services
?
Voice Gateways
?
Edge Router
?
Optical Access
?
Multi Service Switches
?
Remote Access Servers
?
Content/Web Switches, Load Balancers
MyAMCC | Products | Company | Investor Relations | Careers | Sales & Support | Contact Us | Search | Site Map | Help
Copyright© 2002 Applied Micro Circuits Corporation, All Rights Reserved (v2.7)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn