Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APS2424 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. APS2424
Description  PowerVerter® APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

APS2424 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PowerVerter® APS 2400W Inverter/Charger with
Auto-Transfer Switching and Hardwire Input/Output
MODEL NUMBER: APS2424
Description
Tripp Lite's APS2424 DC-to-AC inverter with automatic line-to-battery transfer and integrated charging system
serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to 2400
watts of continuous 120V AC power from any 24V battery or automotive DC source. OverPower inverter output
feature temporarily provides up to 150% of the continuous output for 1-60 minutes, and DoubleBoost inverter
output feature delivers up to 200% of the continuous output for up to 10 seconds, providing the extra power
needed to cold start heavy-duty tools and motorized equipment. When hardwire AC input is energized,
commercial power passes through to connected equipment and the battery set is recharged via 3 stage, 14/55
amp charging system. In UPS mode, the APS system responds to blackouts and voltage fluctuations with a near
instantaneous automatic transfer to battery-derived AC output. Includes a set of high current DC input terminals
for simple installation (user supplies batteries and cabling - see owner's manual for recommendations). Passes
sine wave utilty or generator power during battery charging and UPS line power operation, plus efficient PWM
sine wave AC output in inverter and UPS backup modes. Reliable large transformer design, with frequency
control powers resistive electronic loads or large inductive motors, compressors and other items with high current
needs on startup. Optional APSRM4 wired remote power switch with full status LEDs provides remote power
inverter on/off switching and continuous status information (APSRM4 sold separate). Supports an unlimited
amount of runtime with any number of user-supplied batteries connected. Highly adaptable to a variety of
applications and site conditions with adjustable charger settings for wet/gel/SLA battery types and selectable line
to battery power transfer voltages.
NOTE: To protect against high current draw that may occur during inverter failure, a fuse link rated at 300a
should be positioned no more than 18" from the APS2424's battery in the positive line.
Features
APS2424 serves as an automotive or stationary DC-to-AC inverter with automatic line-to-battery transfer and integrated battery charger
Supports 120V AC output from a 120V AC line power source or 24V DC battery source
16.6 millisecond automatic transfer between line and battery power supports UPS protection during blackouts and voltage fluctuations for equipment
Highlights
24V DC or 120V AC input; 120V
AC output (hardwired)
2400 watts continuous, 3600
watts OverPower™ and 4800
watts DoubleBoost™ inverter
output
3 stage, 14/55 amp selectable
wet/dry cell battery charger
Auto Transfer Switching option
for battery backup / UPS
operation
Reliability enhanced
large-transformer design with
protected DC and AC wiring
terminals
Rated over 90% efficient
Applications
Versatile inverter/charger system
with auto-transfer switching
serves as an automotive inverter
for RVs, over-the-road trucking,
conversion vans and fleet service
vehicles; a standalone alternative
power source for off-grid,
alternative energy or export
applications and as an
uninterruptible power supply
(UPS) for items compatible with a
16.6 millisecond transfer time.
NOTE: For sump pump
applications, Tripp Lite
recommends its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APS2424 Inverter/Charger
Instruction manual with warranty
information
1 / 5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn