Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APS2424 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. APS2424
Description  PowerVerter® APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

APS2424 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Cooling method
Multi-speed fan
Material of construction
Polycarbonate
Style
Heavy-duty with built-in battery charger
Form factors supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
LINE / BATTERY TRANSFER
Transfer time from line power to
battery mode
16.6 milliseconds (typical - compatible with many computers, servers and networking equipment - verify transfer
time compatibility of loads for UPS applications)
Low voltage transfer to battery power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to 75V (user adjustable to 85, 95,
105V - see manual)
High voltage transfer to battery
power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage increases to 135V (user adjustable to
145 - see manual)
SPECIAL FEATURES
Load Sensing
Optional load sense function enables automatic inverter shutoff and startup as connected equipment is powered off
and on. Front panel load sense potentiometer can be set to shutoff or turn on inverter power in response to loads of
any level, up to 150 watts.
Remote control capability
Yes
WARRANTY
Product Warranty Period (U.S. &
Canada)
1-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
APSRM4
Remote Control Module - for Tripp Lite Inverters and Inverter/Chargers
1
BP-260
Ideal battery housing for use with Tripp Lite PowerVerter APS inverter/charger systems with a 12 or
24V DC system voltage.
1
98-121
12V DC Sealed, Maintenance-Free Battery
1
4 / 5


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn